Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS21 Datasheet (PDF) - Mospec Semiconductor

MS21 Datasheet PDF - Mospec Semiconductor
Part # MS21
Download  MS21 Download
File Size   234.3 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description SCHOTTKY BARRIER RECTIFIERS(3.0A,20-40V)

MS21 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS21 Datasheet PDF - Mospec Semiconductor

Part # MS21
Download  MS21 Click to download

File Size   234.3 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description SCHOTTKY BARRIER RECTIFIERS(3.0A,20-40V)

MS21 Datasheet (HTML) - Mospec Semiconductor


MS21 Product details

Surface Mount Schottky Barrier Rectifiers

SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20-40 VOLTS




Similar Part No. - MS21

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MS21 WEITRON-MS21 Datasheet
452Kb / 3P
Surface Mount Schottky Power Rectifier
logo
List of Unclassifed Man...
MS210 ETC2-MS210 Datasheet
233Kb / 2P
Power Film Resistors
logo
Kwang Myoung I.S. CO.,L...
MS210 KISEMICONDUCTOR-MS210 Datasheet
5Mb / 2P
Schottky Bridge Rectifier
logo
Zibo Seno Electronic En...
MS210 ZSELEC-MS210 Datasheet
135Kb / 2P
2.0A SCHOTTKY BARRIER DIODE
logo
Caddock Electronics, In...
MS210 CADDOCK-MS210 Datasheet
400Kb / 2P
Type MS Power Film Resistors
More results


Similar Description - MS21

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SM17 MOSPEC-SM17 Datasheet
230Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-40V)
SR302 MOSPEC-SR302 Datasheet
232Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,20-60V)
SR32 MOSPEC-SR32 Datasheet
232Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,20-60V)
logo
Diodes Incorporated
1N5820 DIODES-1N5820 Datasheet
51Kb / 2P
3.0A SCHOTTKY BARRIER RECTIFIERS
DS23003 Rev. 7 - 2
logo
Gulf Semiconductor
1N5820 GULFSEMI-1N5820 Datasheet
99Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 3.0A
logo
Leshan Radio Company
1N5820 LRC-1N5820_12 Datasheet
205Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
logo
PACELEADER INDUSTRIAL
PFM340-ALS PACELEADER-PFM340-ALS Datasheet
625Kb / 4P
3.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SL32-BL PACELEADER-SL32-BL Datasheet
602Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V
SL32-L PACELEADER-SL32-L Datasheet
598Kb / 4P
3.0A LOW V F SCHOTTKY BARRIER RECTIFIERS-20V-40V
logo
Shanghai Leiditech Elec...
1N5820 LEIDITECH-1N5820 Datasheet
583Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com