Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2400AT Datasheet (PDF) - Systemsensor advanced ideas.

2400AT Datasheet PDF - Systemsensor advanced ideas.
Part # 2400AT
Download  2400AT Download
File Size   196.06 Kbytes
Page   4 Pages
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.
Description Direct Wire Photoelectronic with Fixed Heat Smoke Detectors

2400AT Datasheet (PDF)

Go To PDF Page Download Datasheet
2400AT Datasheet PDF - Systemsensor advanced ideas.

Part # 2400AT
Download  2400AT Click to download

File Size   196.06 Kbytes
Page   4 Pages
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.
Description Direct Wire Photoelectronic with Fixed Heat Smoke Detectors

2400AT Datasheet (HTML) - Systemsensor advanced ideas.


2400AT Product details

Specifications
    Size: Diameter: 5.5 inches (140 mm)
    Height: 3.19 inches (81 mm); add 0.5 inches (13 mm) for thermal units
    Weight: 0.7 lb. (310 g)
    Air Velocity: 3000 ft/min (15 M/s)
    Operating Temperature: 0° C to 38°C (0° to 100°F)
    Operating Humidity: 10% to 93% Relative Humidity, noncondensing
    Visual Indicator: Solid State LED
    Latching Alarm: Reset by Momentary Power Interruption
    Audible Signal: 85dBA minimum interrupted tone when in alarm
                               or supply voltage polarity is reversed
    Fixed Temperature Thermal: 135°F (57°C)
   




Similar Part No. - 2400AT

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2400A SYSTEMSENSOR-2400A Datasheet
288Kb / 4P
Direct-Wire Photoelectronic Smoke Detector
2400A SYSTEMSENSOR-2400A Datasheet
283Kb / 4P
400 Series Direct-Wire Photoelectronic Smoke Detector
More results


Similar Description - 2400AT

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
400SERIES SYSTEMSENSOR-400SERIES Datasheet
288Kb / 4P
Direct-Wire Photoelectronic Smoke Detector
300SERIES SYSTEMSENSOR-300SERIES Datasheet
487Kb / 4P
Photoelectronic Smoke Detector
2312T SYSTEMSENSOR-2312T Datasheet
761Kb / 2P
Photoelectronic Smoke detector with Electronic Heat Sensing
2412AT SYSTEMSENSOR-2412AT Datasheet
195Kb / 4P
Direct Wire Photoelectronic with Fixed Heat Smoke Detectors
2100 SYSTEMSENSOR-2100 Datasheet
239Kb / 4P
Photoelectronic Smoke Detectors
2100D SYSTEMSENSOR-2100D Datasheet
209Kb / 4P
Photoelectronic Smoke Detectors
2100TR SYSTEMSENSOR-2100TR Datasheet
109Kb / 4P
Photoelectronic Smoke Detector with Fixed Heat
2112 SYSTEMSENSOR-2112 Datasheet
85Kb / 4P
Photoelectronic Smoke Detectors
logo
Gamewell-FCI by Honeywe...
71033 GAMEWELL-FCI-71033 Datasheet
96Kb / 3P
Conventional Two-Wire Smoke Detectors
logo
Systemsensor advanced i...
A05-0194 SYSTEMSENSOR-A05-0194 Datasheet
283Kb / 4P
400 Series Direct-Wire Photoelectronic Smoke Detector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com