Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHF2815S/ES Datasheet (PDF) - Crane Aerospace & Electronics.

MHF2815S/ES Datasheet PDF - Crane Aerospace & Electronics.
Part # MHF2815S/ES
Download  MHF2815S/ES Download
File Size   88.18 Kbytes
Page   6 Pages
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.
Description DC/DC CONVERTERS 28 VOLT INPUT

MHF2815S/ES Datasheet (PDF)

Go To PDF Page Download Datasheet
MHF2815S/ES Datasheet PDF - Crane Aerospace & Electronics.

Part # MHF2815S/ES
Download  MHF2815S/ES Click to download

File Size   88.18 Kbytes
Page   6 Pages
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.
Description DC/DC CONVERTERS 28 VOLT INPUT

MHF2815S/ES Datasheet (HTML) - Crane Aerospace & Electronics.


MHF2815S/ES Product details

FEATURES

• –55° to +125°C operation

• 16 to 40 VDC input (16 to 48 VDC triple)

• Fully isolated

• Optocoupler feedback

• Fixed frequency 550 kHz typical

- 450 kHz triple models

• Topology

- Single and dual: Single Ended Forward

- Triple: Current Mode Flyback

• Transient protection

- Single and dual: 50 V/50 ms

- Triple: 80 V/120 ms

• Inhibit and sync functions

• Indefinite short circuit protection

• Undervoltage lockout

• Up to 84% efficiency, 28 W/in3

- Up to 76% efficiency triple models




Similar Part No. - MHF2815S/ES

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHF2815S/883 INTERPOINT-MHF2815S/883 Datasheet
383Kb / 23P
MHF Single, Dual and Triple DC-DC Converters
More results


Similar Description - MHF2815S/ES

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR121-2805 INTERPOINT-HR121-2805 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MHV283R3S INTERPOINT-MHV283R3S Datasheet
241Kb / 14P
DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com