Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2812D Datasheet (PDF) - Crane Aerospace & Electronics.

MFL2812D Datasheet PDF - Crane Aerospace & Electronics.
Part # MFL2812D
Download  MFL2812D Download
File Size   217.01 Kbytes
Page   13 Pages
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.
Description MFL Single and Dual DC/DC Converters

MFL2812D Datasheet (PDF)

Go To PDF Page Download Datasheet
MFL2812D Datasheet PDF - Crane Aerospace & Electronics.

Part # MFL2812D
Download  MFL2812D Click to download

File Size   217.01 Kbytes
Page   13 Pages
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.
Description MFL Single and Dual DC/DC Converters

MFL2812D Datasheet (HTML) - Crane Aerospace & Electronics.


MFL2812D Product details

28 Volt input – 65 Watt



Parallel operation with current share, up to 3 units (148 watts)

• -55° to +125°C operation

• 16 to 40 VDC input

• 50 V for 120 ms transient protection

• Fully isolated, magnetic feedback

• Fixed high frequency switching

• Remote sense or output trim on  single output models

• Inhibit function

• Sync in and Sync Out

• Indefinite short circuit protection

• High power density, 87% efficiency




Similar Part No. - MFL2812D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MFL2812D INTERPOINT-MFL2812D Datasheet
182Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MFL2812D INTERPOINT-MFL2812D Datasheet
645Kb / 13P
Parallel operation with current share, 16 to 40 VDC input
MFL2812D/883 INTERPOINT-MFL2812D/883 Datasheet
182Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MFL2812D/883 INTERPOINT-MFL2812D/883 Datasheet
311Kb / 14P
MFL Single and Dual DC-DC Converters 28 Volt Input - 65 Watt
More results


Similar Description - MFL2812D

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
SMFL Single and Dual DC/DC Converters
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
SMFLHP Single and Dual DC/DC Converters
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MFL283R3S INTERPOINT-MFL283R3S_16 Datasheet
311Kb / 14P
MFL Single and Dual DC-DC Converters 28 Volt Input - 65 Watt
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
MHP270 Single and Dual DC/DC Converters
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
SLH Single and Dual DC-DC Converters
SMFL283R3S INTERPOINT-SMFL283R3S_16 Datasheet
332Kb / 15P
SMFL Single and Dual DC-DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com