Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2100S Datasheet (PDF) - Systemsensor advanced ideas.

2100S Datasheet PDF - Systemsensor advanced ideas.
Part # 2100S
Download  2100S Download
File Size   77.25 Kbytes
Page   4 Pages
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.
Description Smoke Detectors

2100S Datasheet (PDF)

Go To PDF Page Download Datasheet
2100S Datasheet PDF - Systemsensor advanced ideas.

Part # 2100S
Download  2100S Click to download

File Size   77.25 Kbytes
Page   4 Pages
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.
Description Smoke Detectors

2100S Datasheet (HTML) - Systemsensor advanced ideas.


2100S Product details

General Description

Model 2100S is a 2-wire photoelectronic smoke detector that uses a state-of-the-art optical sensing chamber. This detector is designed to provide open area protection and to be used with compatible UL-listed panels only. Model 2100TS features a restorable, built-in, fixed-temperature (135°F) thermal detector.

Installation of these detectors is simplified by the use of a mounting bracket and a plug-in screw terminal block that can be prewired to the system, allowing the detector to be easily installed or removed. The detector’s sensitivity can be tested in place using the MOD400R Test Module. An LED on the detector provides a local visual indication of the detector’s status. If power is applied to the detector, and it is functioning normally in standby mode within the listed sensitivity ranges, the status LED blinks once every ten seconds. The LED also provides a visual indication that main tenance is required. If the LED stops blinking, the detector is either not powered, out of the listed sensitivity range, and/or unable to function properly. The test switch will not operate if the detector is below the insensitive limit. The LED will also latch on when the detector is in alarm.

The detectors also include an output that allows an optional Model RA400Z Remote Annunciator to be connected.



 




Similar Part No. - 2100S

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2100 SYSTEMSENSOR-2100 Datasheet
239Kb / 4P
Photoelectronic Smoke Detectors
logo
Tyco Electronics
2100 MACOM-2100 Datasheet
285Kb / 3P
Miniature Electropneumatic Timing Relay
logo
Make-Ps
2100 MAKE-PS-2100 Datasheet
382Kb / 6P
Single, Dual, Triple Output DC/DC Converter
logo
XFMRS Inc.
2100 XFMRS-2100 Datasheet
217Kb / 5P
HIGH SPEED SMT MAGNETIC MODULES
logo
Agilent(Hewlett-Packard...
2100 HP-2100 Datasheet
647Kb / 2P
Agilent RNA Kits for the 2100 Bioanalyzer System
More results


Similar Description - 2100S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
72247 ETC2-72247 Datasheet
203Kb / 2P
For Duct Smoke Detectors
logo
Systemsensor advanced i...
2W-B SYSTEMSENSOR-2W-B Datasheet
221Kb / 2P
Photoelectric Smoke Detectors
ED-DPR SYSTEMSENSOR-ED-DPR Datasheet
266Kb / 4P
Intelligent Duct Smoke Detectors
1800 SYSTEMSENSOR-1800 Datasheet
566Kb / 2P
SMOKE DETECTORS
1806 SYSTEMSENSOR-1806 Datasheet
523Kb / 2P
SMOKE DETECTORS
1851B SYSTEMSENSOR-1851B Datasheet
481Kb / 2P
SMOKE DETECTORS
2100 SYSTEMSENSOR-2100 Datasheet
239Kb / 4P
Photoelectronic Smoke Detectors
2100D SYSTEMSENSOR-2100D Datasheet
209Kb / 4P
Photoelectronic Smoke Detectors
2112 SYSTEMSENSOR-2112 Datasheet
85Kb / 4P
Photoelectronic Smoke Detectors
ED-P SYSTEMSENSOR-ED-P Datasheet
124Kb / 4P
Intelligent Photoelectric Smoke Detectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com