Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S20S70 Datasheet (PDF) - Mospec Semiconductor

S20S70 Datasheet PDF - Mospec Semiconductor
Part # S20S70
Download  S20S70 Download
File Size   243.13 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description SCHOTTKY BARRIER RECTIFIERS(20A,70-100V)

S20S70 Datasheet (PDF)

Go To PDF Page Download Datasheet
S20S70 Datasheet PDF - Mospec Semiconductor

Part # S20S70
Download  S20S70 Click to download

File Size   243.13 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description SCHOTTKY BARRIER RECTIFIERS(20A,70-100V)

S20S70 Datasheet (HTML) - Mospec Semiconductor


S20S70 Product details

SWITCHMODE POWER RECTIFIERS D2 PAK SURFACE MOUNT POWER PACKAGE

The D2 PAK Power rectifier employs the Schottky Barrier principle with a Molybdenum barrier metal. These state-of-the-art devices have the following features:

* Low Forward Voltage
* Low Switching noise
* High Surage Capacity
* Guarantee Reverse Avalanche
* Guard-Ring for Stress Protection
* Low Power Loss & High efficiency
* 125℃ Operating Junction Temperature
* Low Stored Charge Majority Carrier Conduction
* Similar Size to the industry Stancard TO-220 Pakage
* Plastic Material used Carries Underwriters Laboratory Flammability Classification 94V-O




Similar Part No. - S20S70

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S20S70CR MOSPEC-S20S70CR Datasheet
163Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - S20S70

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S05A70 MOSPEC-S05A70 Datasheet
232Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5A,70-100V)
S10C70 MOSPEC-S10C70 Datasheet
228Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(10A,70-100V)
S20C70 MOSPEC-S20C70 Datasheet
248Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(20A,70-100V)
S20D70 MOSPEC-S20D70 Datasheet
248Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(20A,70-100V)
SR107 MOSPEC-SR107 Datasheet
214Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,70-100V)
SR17 MOSPEC-SR17 Datasheet
220Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,70-100V)
SR27 MOSPEC-SR27 Datasheet
226Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(2.0A,70-100V)
SR307 MOSPEC-SR307 Datasheet
232Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,70-100V)
SR37 MOSPEC-SR37 Datasheet
227Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,70-100V)
SR507 MOSPEC-SR507 Datasheet
231Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5.0A,70-100V)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com