Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6620 Datasheet (PDF) - Texas Instruments

PT6620 Datasheet PDF - Texas Instruments
Part # PT6620
Download  PT6620 Download
File Size   237.96 Kbytes
Page   5 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR

PT6620 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT6620 Datasheet PDF - Texas Instruments

Part # PT6620
Download  PT6620 Click to download

File Size   237.96 Kbytes
Page   5 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR

PT6620 Datasheet (HTML) - Texas Instruments




Similar Part No. - PT6620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6620 TI1-PT6620 Datasheet
517Kb / 19P
Single Device: 6-A Output
PT6620 TI1-PT6620_14 Datasheet
517Kb / 19P
Single Device: 6-A Output
More results


Similar Description - PT6620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
78ST212 TI-78ST212 Datasheet
187Kb / 3P
12V 2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Revised 6/30/98
PT6650 TI-PT6650 Datasheet
242Kb / 5P
5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR
PT78ST200 TI-PT78ST200 Datasheet
191Kb / 3P
12V 2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5071 TI-PT5071 Datasheet
130Kb / 3P
1.5 Amp, 12V Step-Up/Step-Down Integrated Switching Regulator
SLTS102A TI-SLTS102A Datasheet
194Kb / 8P
14-A 12V-Input Adjustable Integrated Switching Regulator
PT6980 TI-PT6980 Datasheet
272Kb / 12P
10-A 12V-Input Dual Output Integrated Switching Regulator
SLTS060A TI1-SLTS060A Datasheet
475Kb / 3P
12V 2 Amp Positive Step-Down Integrated Switching Regulator
PT5120 TI1-PT5120 Datasheet
474Kb / 4P
1 AMP LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6680 TI1-PT6680 Datasheet
157Kb / 6P
5 Amp 18-36V Input Integrated Switching Regulator
PT6405D TI1-PT6405D Datasheet
527Kb / 7P
3 Amp 5V Input Adjustable Integrated Switching Regulator
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com