Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP2A15 Datasheet (PDF) - Altera Corporation

EP2A15 Datasheet PDF - Altera Corporation
Part # EP2A15
Download  EP2A15 Download
File Size   1057.91 Kbytes
Page   99 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Programmable Logic Device Family

EP2A15 Datasheet (PDF)

Go To PDF Page Download Datasheet
EP2A15 Datasheet PDF - Altera Corporation

Part # EP2A15
Download  EP2A15 Click to download

File Size   1057.91 Kbytes
Page   99 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Programmable Logic Device Family

EP2A15 Datasheet (HTML) - Altera Corporation


EP2A15 Product details

This datasheet describes configuration devices for SRAM-based look-up table (LUT) devices.



Features

Configuration devices for SRAM-based LUT devices offer the following features:

■ Configures Altera ACEX 1K, APEX 20K (including APEX 20K, APEX 20KC, and APEX 20KE), APEX II, Arria GX, Cyclone, Cyclone II, FLEX 10K (including FLEX 10KE and FLEX 10KA) Mercury, Stratix, Stratix GX, Stratix II, and Stratix II GX devices

■ Easy-to-use four-pin interface

■ Low current during configuration and near-zero standby mode current

■ Programming support with the Altera Programming Unit (APU) and programming hardware from Data I/O, BP Microsystems, and other third-party programmers

■ Available in compact plastic packages

■ 8-pin plastic dual in-line (PDIP) package

■ 20-pin plastic J-lead chip carrier (PLCC) package

■ 32-pin plastic thin quad flat pack (TQFP) package

■ EPC2 device has reprogrammable flash configuration memory

■ 5.0-V and 3.3-V in-system programmability (ISP) through the built-in IEEE Std.

1149.1 JTAG interface

■ Built-in JTAG boundary-scan test (BST) circuitry compliant with IEEE Std. 1149.1

■ Supports programming through Serial Vector Format File (.svf), Jam Standard Test and Programming Language (STAPL) Format File (.jam), JAM Byte Code File (.jbc), and the Quartus II and MAX+PLUS II softwares using the USB-Blaster, MasterBlaster, ByteBlaster II, EthernetBlaster, or ByteBlasterMV download cable

■ Supports programming through Programmer Object File (.pof) for EPC1 and EPC1441 devices

■ nINIT_CONF pin allows INIT_CONF JTAG instruction to begin FPGA configuration



 




Similar Part No. - EP2A15

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2A15 ALTERA-EP2A15 Datasheet
456Kb / 34P
1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2A15 ALTERA-EP2A15 Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
EP2A15 ALTERA-EP2A15 Datasheet
621Kb / 36P
This datasheet describes enhanced configuration (EPC) devices
More results


Similar Description - EP2A15

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
Programmable Logic Device Family
EPF6016ATI144-3N ALTERA-EPF6016ATI144-3N Datasheet
405Kb / 52P
Programmable Logic Device Family
EPM7064SLC44-10 ALTERA-EPM7064SLC44-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128SLC84-10 ALTERA-EPM7128SLC84-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128STC100-10 ALTERA-EPM7128STC100-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
Programmable Logic Device Family
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com