Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPF10K20 Datasheet (PDF) - Altera Corporation

EPF10K20 Datasheet PDF - Altera Corporation
Part # EPF10K20
Download  EPF10K20 Download
File Size   1694.24 Kbytes
Page   128 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Embedded Programmable Logic Device Family

EPF10K20 Datasheet (PDF)

Go To PDF Page Download Datasheet
EPF10K20 Datasheet PDF - Altera Corporation

Part # EPF10K20
Download  EPF10K20 Click to download

File Size   1694.24 Kbytes
Page   128 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Embedded Programmable Logic Device Family

EPF10K20 Datasheet (HTML) - Altera Corporation


EPF10K20 Product details

General Description
Altera’s FLEX 10K devices are the industry’s first embedded PLDs. Based on reconfigurable CMOS SRAM elements, the Flexible Logic Element MatriX (FLEX) architecture incorporates all features necessary to implement common gate array megafunctions. With up to 250,000 gates, the FLEX 10K family provides the density, speed, and features to integrate entire systems, including multiple 32-bit buses, into a single device.
   
Features...
■ The industry’s first embedded programmable logic device (PLD)
    family, providing System-on-a-Programmable-Chip (SOPC)
    integration
    – Embedded array for implementing megafunctions, such as
        efficient memory and specialized logic functions
    – Logic array for general logic functions
■ High density
    – 10,000 to 250,000 typical gates (see Tables 1 and 2)
    – Up to 40,960 RAM bits; 2,048 bits per embedded array block
        (EAB), all of which can be used without reducing logic capacity
■ System-level features
    – MultiVoltTM I/O interface support
    – 5.0-V tolerant input pins in FLEX® 10KA devices
    – Low power consumption (typical specification less than 0.5 mA
        in standby mode for most devices)
    – FLEX 10K and FLEX 10KA devices support peripheral
        component interconnect Special Interest Group (PCI SIG) PCI
        Local Bus Specification, Revision 2.2
    – FLEX 10KA devices include pull-up clamping diode, selectable
        on a pin-by-pin basis for 3.3-V PCI compliance
    – Select FLEX 10KA devices support 5.0-V PCI buses with eight or
        fewer loads
    – Built-in Joint Test Action Group (JTAG) boundary-scan test
        (BST) circuitry compliant with IEEE Std. 1149.1-1990, available
        without consuming any device logic
    – Devices are fabricated on advanced processes and operate with
        a 3.3-V or 5.0-V supply voltage (see Table 3
    – In-circuit reconfigurability (ICR) via external configuration
        device, intelligent controller, or JTAG port
    – ClockLockTM and ClockBoostTM options for reduced clock
        delay/skew and clock multiplication
    – Built-in low-skew clock distribution trees
    – 100% functional testing of all devices; test vectors or scan chains
        are not required   
■ Flexible interconnect
    – FastTrack® Interconnect continuous routing structure for fast,
        predictable interconnect delays
    – Dedicated carry chain that implements arithmetic functions such
        as fast adders, counters, and comparators (automatically used by
        software tools and megafunctions)
    – Dedicated cascade chain that implements high-speed,
        high-fan-in logic functions (automatically used by software tools
        and megafunctions)
    – Tri-state emulation that implements internal tri-state buses
    – Up to six global clock signals and four global clear signals
    (Continue ...)
   




Similar Part No. - EPF10K20

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K20 ALTERA-EPF10K20 Datasheet
456Kb / 34P
1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
More results


Similar Description - EPF10K20

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K100ABC356-3 ALTERA-EPF10K100ABC356-3 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K10ATI144-3N ALTERA-EPF10K10ATI144-3N Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K20RC208-4 ALTERA-EPF10K20RC208-4 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com