Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP2S180 Datasheet (PDF) - Altera Corporation

EP2S180 Datasheet PDF - Altera Corporation
Part # EP2S180
Download  EP2S180 Download
File Size   2897.25 Kbytes
Page   238 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Stratix II Device Family

EP2S180 Datasheet (PDF)

Go To PDF Page Download Datasheet
EP2S180 Datasheet PDF - Altera Corporation

Part # EP2S180
Download  EP2S180 Click to download

File Size   2897.25 Kbytes
Page   238 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Stratix II Device Family

EP2S180 Datasheet (HTML) - Altera Corporation


EP2S180 Product details

This datasheet describes configuration devices for SRAM-based look-up table (LUT) devices.



Features

Configuration devices for SRAM-based LUT devices offer the following features:

■ Configures Altera ACEX 1K, APEX 20K (including APEX 20K, APEX 20KC, and APEX 20KE), APEX II, Arria GX, Cyclone, Cyclone II, FLEX 10K (including FLEX 10KE and FLEX 10KA) Mercury, Stratix, Stratix GX, Stratix II, and Stratix II GX devices

■ Easy-to-use four-pin interface

■ Low current during configuration and near-zero standby mode current

■ Programming support with the Altera Programming Unit (APU) and programming hardware from Data I/O, BP Microsystems, and other third-party programmers

■ Available in compact plastic packages

■ 8-pin plastic dual in-line (PDIP) package

■ 20-pin plastic J-lead chip carrier (PLCC) package

■ 32-pin plastic thin quad flat pack (TQFP) package

■ EPC2 device has reprogrammable flash configuration memory

■ 5.0-V and 3.3-V in-system programmability (ISP) through the built-in IEEE Std.

1149.1 JTAG interface

■ Built-in JTAG boundary-scan test (BST) circuitry compliant with IEEE Std. 1149.1

■ Supports programming through Serial Vector Format File (.svf), Jam Standard Test and Programming Language (STAPL) Format File (.jam), JAM Byte Code File (.jbc), and the Quartus II and MAX+PLUS II softwares using the USB-Blaster, MasterBlaster, ByteBlaster II, EthernetBlaster, or ByteBlasterMV download cable

■ Supports programming through Programmer Object File (.pof) for EPC1 and EPC1441 devices

■ nINIT_CONF pin allows INIT_CONF JTAG instruction to begin FPGA configuration



 




Similar Part No. - EP2S180

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2S180 ALTERA-EP2S180 Datasheet
547Kb / 58P
DSP Development Board
EP2S180 ALTERA-EP2S180 Datasheet
456Kb / 34P
1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2S180 ALTERA-EP2S180 Datasheet
2Mb / 182P
Package Information Datasheet for Mature Altera Devices
EP2S180 ALTERA-EP2S180 Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
EP2S180 ALTERA-EP2S180 Datasheet
5Mb / 768P
Stratix II Device Handbook, Volume 1
More results


Similar Description - EP2S180

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1S10 ALTERA-EP1S10 Datasheet
3Mb / 290P
Stratix Device Family Data Sheet
HC1S25 ALTERA-HC1S25 Datasheet
1Mb / 110P
HardCopy Stratix Device Family
EP2SGX30C ALTERA-EP2SGX30C Datasheet
3Mb / 314P
Stratix II GX Device
EP3SL70F780C3N ALTERA-EP3SL70F780C3N Datasheet
201Kb / 16P
Stratix III Device Family Overview
EP2S60F484I4 ALTERA-EP2S60F484I4 Datasheet
2Mb / 238P
Stratix II Device Family Data Sheet
logo
List of Unclassifed Man...
EP2S130F1020I4 ETC2-EP2S130F1020I4 Datasheet
5Mb / 768P
Stratix II Device Handbook, Volume 1
logo
Altera Corporation
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
Section I. Stratix II Device Family Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
Section I. Stratix II Device Family Data Sheet
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com