Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC207 Datasheet (PDF) - MIC GROUP RECTIFIERS

RC207 Datasheet PDF - MIC GROUP RECTIFIERS
Part # RC207
Download  RC207 Download
File Size   100.23 Kbytes
Page   2 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description SINGLE-PHASE BRIDGE RECTIFIER

RC207 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC207 Datasheet PDF - MIC GROUP RECTIFIERS

Part # RC207
Download  RC207 Click to download

File Size   100.23 Kbytes
Page   2 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description SINGLE-PHASE BRIDGE RECTIFIER

RC207 Datasheet (HTML) - MIC GROUP RECTIFIERS


RC207 Product details

VOLTAGE RANGE 50 to 1000 Volts

CURRENT1.5 Amperes



FEATURES

Low cost

This series is UL recognized under component index,file number E127707

High forward surge current capability

Ideal for printed circuit board

High temperature soldering guaranteed: 260℃/10 second, 0.375”(9.5mm) lead length at 5 lbs. (2.3kg) tension.



MECHANICAL DATA

Case: Molded plastic body

Terminal: Lead solderable per MIL-STD-202E method 208C.

Polarity: Polarity symbols molded on case

Mounting position: Any

Weight:0. 05ounce, 1.42grams




Similar Part No. - RC207

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RC207 RECTRON-RC207 Datasheet
20Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Dc Components
RC207 DCCOM-RC207 Datasheet
392Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Leshan Radio Company
RC207 LRC-RC207 Datasheet
51Kb / 2P
2.0A WOM BRIDGE RECTIFIERS
logo
Chongqing Pingwei Enter...
RC207 CHONGQING-RC207 Datasheet
41Kb / 1P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
RC207 PFS-RC207 Datasheet
213Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
More results


Similar Description - RC207

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com