Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BST15T3N Datasheet (PDF) - CIT Relay & Switch

BST15T3N Datasheet PDF - CIT Relay & Switch
Part # BST15T3N
Download  BST15T3N Download
File Size   242.77 Kbytes
Page   4 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description CIT SWITCH

BST15T3N Datasheet (PDF)

Go To PDF Page Download Datasheet
BST15T3N Datasheet PDF - CIT Relay & Switch

Part # BST15T3N
Download  BST15T3N Click to download

File Size   242.77 Kbytes
Page   4 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description CIT SWITCH

BST15T3N Datasheet (HTML) - CIT Relay & Switch


BST15T3N Product details

SPECIFICATIONS
   Electrical Ratings 3A @ 120VAC, 28VDC; 1.5A @ 250VAC See contact options
   Electrical Life 30,000 cycles typical
   Contact Resistance < 20 mΩ max initial @ 2-4VDC, 100mA
   Dielectric Strength 1000Vrms min
   Insulation Resistance > 1,000MΩ min
   Operating Temperature -40°C to 85°C
   Storage Temperature -40°C to 85°C

MATERIALS ←RoHS COMPLIANT
   Actuator Brass, Chrome Plated
   Housing 4/6 Nylon, Glass Filled, Flame Retardant Heat Stabilized, UL94V-0
   Support Bracket Brass, Tin Plated
   Contacts Copper Alloy + Silver or Gold
   Terminals Copper Alloy + Silver or Gold




Similar Part No. - BST15T3N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BST15 PHILIPS-BST15 Datasheet
40Kb / 8P
PNP high-voltage transistors
1999 Apr 26
logo
Zetex Semiconductors
BST15 ZETEX-BST15 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Synology Inc.
BST150-4T SYNOLOGY-BST150-4T Datasheet
3Mb / 6P
BeeStation
More results


Similar Description - BST15T3N

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results




About CIT Relay & Switch


CIT Relay & Switch is a leading manufacturer of electromechanical and electronic components for a variety of industries, including automotive, consumer electronics, telecommunications, and medical. The company was founded in 1965 and is headquartered in Minnesota, USA.

CIT Relay & Switch offers a wide range of products, including relays, switches, and custom solutions. Their relay products include general purpose relays, power relays, signal relays, and automotive relays, while their switch products include tact switches, rocker switches, pushbutton switches, and rotary switches.

CIT Relay & Switch's custom solutions are designed to meet the unique needs of their customers. Their engineering team works closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

The company is committed to delivering high-quality products and services to their customers. They have a strong focus on research and development and invest heavily in new technologies to improve the performance and reliability of their products.

Overall, CIT Relay & Switch is a trusted provider of high-quality electromechanical and electronic components for a variety of industries. Their commitment to innovation, quality, and customer service has earned them a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com