Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB150 Datasheet (PDF) - MIC GROUP RECTIFIERS

SMB150 Datasheet PDF - MIC GROUP RECTIFIERS
Part # SMB150
Download  SMB150 Download
File Size   74.14 Kbytes
Page   4 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMB150 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMB150 Datasheet PDF - MIC GROUP RECTIFIERS

Part # SMB150
Download  SMB150 Click to download

File Size   74.14 Kbytes
Page   4 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMB150 Datasheet (HTML) - MIC GROUP RECTIFIERS


SMB150 Product details

Stand-off Voltage 5.0 to 170 Volts Peak Pulse Power 600 Watts

FEATURES
• Plastic package has Underwriters Laboratory
• Flammability Classification 94V-O
• For surface mounted applications in order to optimize board space
• Low profile package
• Built-in strain relief
• Glass passivated junction
• Low incremental surge resistance
• 600W peak pulse power capability with a 10/1000μs Waveform,
   repetition rate (duty cycle): 0.01%
• Excellent clamping capability
• Fast response time: typically less than 1.0ps from 0 Volts to
   V(BR) for unidirectional and 5.0ns for bidirectional types
• For devices with V (BR)≥10V, ID are typically ID less than 1.0μA
• High temperature soldering guaranteed: 250℃/10 seconds at terminals




Similar Part No. - SMB150

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB150 LITEON-SMB150 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
SMB150 LEIDITECH-SMB150 Datasheet
106Kb / 1P
Ceramic Gas Discharge Tube
logo
Lite-On Technology Corp...
SMB150A LITEON-SMB150A Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMB150C LITEON-SMB150C Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMB150CA LITEON-SMB150CA Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Similar Description - SMB150

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
1.5SMC75A MDE-1.5SMC75A Datasheet
169Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com