Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C136 Datasheet (PDF) - Cypress Semiconductor

CY7C136 Datasheet PDF - Cypress Semiconductor
Part # CY7C136
Download  CY7C136 Download
File Size   455.22 Kbytes
Page   15 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 2K x 8 Dual-Port Static RAM

CY7C136 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C136 Datasheet PDF - Cypress Semiconductor

Part # CY7C136
Download  CY7C136 Click to download

File Size   455.22 Kbytes
Page   15 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 2K x 8 Dual-Port Static RAM

CY7C136 Datasheet (HTML) - Cypress Semiconductor


CY7C136 Product details

Functional Description
The CY7C132, CY7C136, CY7C136A, CY7C142, and CY7C146 are high speed CMOS 2K x 8 dual-port static RAMs. Two ports are provided to permit independent access to any location in memory. The CY7C132, CY7C136, and CY7C136A can be used as either a standalone 8-bit dual-port static RAM or as a MASTER dual-port RAM, in conjunction with the CY7C142/CY7C146 SLAVE dual-port device. They are used in systems that require 16-bit or greater word widths. This is the solution to applications that require shared or buffered data, such as cache memory for DSP, bit-slice, or multiprocessor designs.

Features
■ True dual-ported memory cells that enable simultaneous reads of the same memory location
■ 2K x 8 organization
■ 0.65 micron CMOS for optimum speed and power
■ High speed access: 15 ns
■ Low operating power: ICC = 110 mA (maximum)
■ Fully asynchronous operation
■ Automatic power down
■ Master CY7C132/CY7C136/CY7C136A[1] easily expands data bus width to 16 or more bits using slave CY7C142/CY7C146
■ BUSY output flag on CY7C132/CY7C136/CY7C136A; BUSY input on CY7C142/CY7C146
■ INT flag for port to port communication (52-Pin PLCC/PQFP versions)
■ CY7C136, CY7C136A, and CY7C146 available in 52-pin PLCC and 52-pin PQFP packages
■ Pb-free packages available




Similar Part No. - CY7C136

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C136 CYPRESS-CY7C136 Datasheet
339Kb / 18P
2Kx8 Dual-Port Static RAM
March 27, 1997
CY7C136 CYPRESS-CY7C136 Datasheet
562Kb / 18P
2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
443Kb / 15P
2K x 8 Dual-Port Static RAM High speed access: 15 ns
CY7C136-15JC CYPRESS-CY7C136-15JC Datasheet
339Kb / 18P
2Kx8 Dual-Port Static RAM
March 27, 1997
More results


Similar Description - CY7C136

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CG5982AF CYPRESS-CG5982AF Datasheet
215Kb / 12P
2K x 8 Automotive Dual-port Static RAM
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_09 Datasheet
468Kb / 15P
2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
2K x 8 Dual-Port Static RAM
logo
Integrated Device Techn...
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com