Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2605 Datasheet (PDF) - Micrel Semiconductor

MIC2605 Datasheet PDF - Micrel Semiconductor
Part # MIC2605
Download  MIC2605 Download
File Size   308.98 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode

MIC2605 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2605 Datasheet PDF - Micrel Semiconductor

Part # MIC2605
Download  MIC2605 Click to download

File Size   308.98 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode

MIC2605 Datasheet (HTML) - Micrel Semiconductor


MIC2605 Product details

General Description
The MIC2605/6 is a 1.2MHz/2MHz, PWM DC/DC boost switching regulator available in a 2mm x 2mm MLF® package. High power density is achieved with the MIC2605/6’s internal 40V/0.5A switch and schottky diode, allowing it to power large loads in a tiny footprint.
The MIC2605/6 implements constant frequency 1.2MHz/2MHz PWM current mode control. The MIC2605/6 offers internal compensation that offers excellent transient response and output regulation performance. The high frequency operation saves board space by allowing small, low-profile external components. The fixed frequency PWM scheme also reduces spurious switching noise and ripple to the input power source.

Features
• Wide input voltage range: 4.5V to 20V
• Output voltage adjustable to 40V
• 0.5A switch current and schottky diode
• MIC2605 operates at 1.2MHz
• MIC2606 operates at 2MHz
• Programmable soft start
• Stable with small size ceramic capacitors
• High efficiency
• Low input and output ripple
• <10µA shutdown current
• UVLO
• Output over-voltage and over-temperature protection
• 8-pin 2mm x 2mm MLF® package
• –40°C to +125°C junction temperature range

Applications
• TV-tuners
• Broadband communications
• TFT-LCD bias supplies
• Bias supply
• Positive output regulators
• SEPIC converters
• DSL applications
• Local boost regulators




Similar Part No. - MIC2605

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2605 MICREL-MIC2605 Datasheet
380Kb / 14P
0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
logo
Microchip Technology
MIC2605 MICROCHIP-MIC2605 Datasheet
2Mb / 20P
0.5A, 1.2 MHz/2 MHz Wide Input Range Boost Regulators, Each with Integrated Switch and Schottky Diode
09/14/21
logo
Micrel Semiconductor
MIC2605YML MICREL-MIC2605YML Datasheet
380Kb / 14P
0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
logo
Microchip Technology
MIC2605YML-TR MICROCHIP-MIC2605YML-TR Datasheet
2Mb / 20P
0.5A, 1.2 MHz/2 MHz Wide Input Range Boost Regulators, Each with Integrated Switch and Schottky Diode
09/14/21
logo
Micrel Semiconductor
MIC2605 MICREL-MIC2605_09 Datasheet
380Kb / 14P
0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
More results


Similar Description - MIC2605

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97631 INTERSIL-ISL97631 Datasheet
331Kb / 8P
White LED Boost Regulator With Integrated Schottky Diode
December 21, 2005
logo
Micrel Semiconductor
MIC4723 MICREL-MIC4723 Datasheet
520Kb / 19P
3A 2MHz Integrated Switch Buck Regulator
logo
Intersil Corporation
ISL97701 INTERSIL-ISL97701 Datasheet
189Kb / 10P
Boost Regulator with Integrated Schottky and Input Disconnect Switch
February 22, 2008
logo
Micrel Semiconductor
MIC2601 MICREL-MIC2601 Datasheet
382Kb / 13P
1.2A, 1.2MHz/2MHz Wide Input Range Integrated Switch Boost Regulator
MIC2605 MICREL-MIC2605_09 Datasheet
380Kb / 14P
0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
MIC4724 MICREL-MIC4724 Datasheet
610Kb / 19P
3A 2MHz Integrated Switch Buck Regulator with 6Vmax Input
logo
Texas Instruments
TPS55340 TI-TPS55340_15 Datasheet
1Mb / 41P
TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
logo
Renesas Technology Corp
ISL97631 RENESAS-ISL97631 Datasheet
471Kb / 8P
White LED Boost Regulator With Integrated Schottky Diode
ISL97701 RENESAS-ISL97701 Datasheet
547Kb / 11P
Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Microchip Technology
MIC2605 MICROCHIP-MIC2605 Datasheet
2Mb / 20P
0.5A, 1.2 MHz/2 MHz Wide Input Range Boost Regulators, Each with Integrated Switch and Schottky Diode
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com