Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JDC-10-2 Datasheet (PDF) - Mini-Circuits

JDC-10-2 Datasheet PDF - Mini-Circuits
Part # JDC-10-2
Download  JDC-10-2 Download
File Size   310.58 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Directional Coupler 50廓 5 to 750 MHz

JDC-10-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
JDC-10-2 Datasheet PDF - Mini-Circuits

Part # JDC-10-2
Download  JDC-10-2 Click to download

File Size   310.58 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Directional Coupler 50廓 5 to 750 MHz

JDC-10-2 Datasheet (HTML) - Mini-Circuits




Similar Part No. - JDC-10-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JDC-10-4 MINI-JDC-10-4 Datasheet
311Kb / 1P
Directional Coupler 50廓 5 to 1000 MHz
JDC-10-4+ MINI-JDC-10-4+ Datasheet
311Kb / 1P
Directional Coupler 50廓 5 to 1000 MHz
JDC-10-4-75 MINI-JDC-10-4-75 Datasheet
317Kb / 1P
Directional Coupler 75廓 10 to 1000 MHz
JDC-10-4-75+ MINI-JDC-10-4-75+ Datasheet
317Kb / 1P
Directional Coupler 75廓 10 to 1000 MHz
More results


Similar Description - JDC-10-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADC-6-1R MINI-ADC-6-1R Datasheet
255Kb / 1P
Directional Coupler 50廓 5 to 200 MHz
ADC-10-1R MINI-ADC-10-1R Datasheet
254Kb / 1P
Directional Coupler 50廓 5 to 900 MHz
ADC-10-4 MINI-ADC-10-4 Datasheet
261Kb / 1P
Directional Coupler 50廓 5 to 1000 MHz
ADC-15-4 MINI-ADC-15-4 Datasheet
240Kb / 1P
Directional Coupler 50廓 5 to 1000 MHz
ADC-20-4 MINI-ADC-20-4 Datasheet
240Kb / 1P
Directional Coupler 50廓 5 to 1000 MHz
JDC-20-1W MINI-JDC-20-1W Datasheet
307Kb / 1P
Directional Coupler 50廓 50 to 750 MHz
LRDC-10-1 MINI-LRDC-10-1 Datasheet
274Kb / 1P
Directional Coupler 50廓 5 to 500 MHz
LRDC-10-1J MINI-LRDC-10-1J Datasheet
277Kb / 1P
Directional Coupler 50廓 5 to 500 MHz
TCD-9-1W MINI-TCD-9-1W Datasheet
285Kb / 1P
Directional Coupler 50廓 5 to 2000 MHz
TCD-10-1W MINI-TCD-10-1W Datasheet
286Kb / 1P
Directional Coupler 50廓 10 to 750 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com