Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUF-R5SM+ Datasheet (PDF) - Mini-Circuits

TUF-R5SM+ Datasheet PDF - Mini-Circuits
Part # TUF-R5SM+
Download  TUF-R5SM+ Download
File Size   258.68 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description High Reliability Mixer Level 7 (LO Power 7 dBm) 20 to 1500 MHz

TUF-R5SM+ Datasheet (PDF)

Go To PDF Page Download Datasheet
TUF-R5SM+ Datasheet PDF - Mini-Circuits

Part # TUF-R5SM+
Download  TUF-R5SM+ Click to download

File Size   258.68 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description High Reliability Mixer Level 7 (LO Power 7 dBm) 20 to 1500 MHz

TUF-R5SM+ Datasheet (HTML) - Mini-Circuits




Similar Part No. - TUF-R5SM+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TUF-R5LHSM MINI-TUF-R5LHSM Datasheet
262Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 20 to 1500 MHz
TUF-R5LHSM+ MINI-TUF-R5LHSM+ Datasheet
262Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 20 to 1500 MHz
TUF-R5MHSM MINI-TUF-R5MHSM Datasheet
266Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 20 to 1500 MHz
TUF-R5MHSM+ MINI-TUF-R5MHSM+ Datasheet
266Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 20 to 1500 MHz
More results


Similar Description - TUF-R5SM+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-5 MINI-ADE-5 Datasheet
256Kb / 2P
Level 7 (LO Power 7 dBm) 5 to 1500 MHz
ADE-R6 MINI-ADE-R6 Datasheet
227Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 0.15 to 250 MHz
ADE-R11X MINI-ADE-R11X Datasheet
170Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 10 to 2000 MHz
ADE-R20 MINI-ADE-R20 Datasheet
224Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 1500 to 2800 MHz
ADE-R901 MINI-ADE-R901 Datasheet
230Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 300 to 1000 MHz
TUF-R1SM MINI-TUF-R1SM Datasheet
268Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 5 to 600 MHz
TUF-R2SM MINI-TUF-R2SM Datasheet
254Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 50 to 1000 MHz
TUF-R3SM MINI-TUF-R3SM Datasheet
263Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 0.25 to 400 MHz
TUF-R5LHSM MINI-TUF-R5LHSM Datasheet
262Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 20 to 1500 MHz
TUF-R5MHSM MINI-TUF-R5MHSM Datasheet
266Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 20 to 1500 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com