Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-5 Datasheet (PDF) - Mini-Circuits

ADE-5 Datasheet PDF - Mini-Circuits
Part # ADE-5
Download  ADE-5 Download
File Size   256.56 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Level 7 (LO Power 7 dBm) 5 to 1500 MHz

ADE-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADE-5 Datasheet PDF - Mini-Circuits

Part # ADE-5
Download  ADE-5 Click to download

File Size   256.56 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Level 7 (LO Power 7 dBm) 5 to 1500 MHz

ADE-5 Datasheet (HTML) - Mini-Circuits


ADE-5 Product details

Surface Mount  Frequency Mixer

Level 7 (LO Power +7 dBm) 5 to 1500 MHz



Features

• low conversion loss, 6.6 dB typ.

• excellent L-R isolation, 40 dB typ.

• excellent IP3, 15 dBm

• aqueous washable

• protected by U.S. Patent 6,133,525



Applications

• cellular

• PCS




Similar Part No. - ADE-5

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
145Kb / 2P
Frequency Mixer
ADE-1+ MINI-ADE-1+ Datasheet
231Kb / 2P
Frequency Mixer
ADE-10H MINI-ADE-10H Datasheet
298Kb / 2P
Frequency Mixer
ADE-10H+ MINI-ADE-10H+ Datasheet
298Kb / 2P
Frequency Mixer
More results


Similar Description - ADE-5

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFM-4212 MINI-ZFM-4212 Datasheet
127Kb / 2P
Level 7 (LO Power 7 dBm) 2000 to 4200 MHz
ZX05-1 MINI-ZX05-1 Datasheet
223Kb / 2P
Level 7 (LO Power 7 dBm) 0.5 to 500 MHz
ZLW-11 MINI-ZLW-11 Datasheet
151Kb / 2P
Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 2000 MHz
SCM-2+ MINI-SCM-2+ Datasheet
196Kb / 2P
Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 1000 MHz
ADE-18W MINI-ADE-18W Datasheet
251Kb / 2P
Level 7 (LO Power 7 dBm) 1750 to 3500 MHz Frequency Mixer
ADE-R11X MINI-ADE-R11X Datasheet
170Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 10 to 2000 MHz
ADE-R20 MINI-ADE-R20 Datasheet
224Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 1500 to 2800 MHz
TUF-R1SM MINI-TUF-R1SM Datasheet
268Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 5 to 600 MHz
TUF-R5SM MINI-TUF-R5SM Datasheet
258Kb / 1P
High Reliability Mixer Level 7 (LO Power 7 dBm) 20 to 1500 MHz
RMS-30 MINI-RMS-30 Datasheet
575Kb / 2P
Level 7 (LO Power 7 dBm) 200 to 3000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com