Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM-2+ Datasheet (PDF) - Mini-Circuits

SCM-2+ Datasheet PDF - Mini-Circuits
Part # SCM-2+
Download  SCM-2+ Download
File Size   196.66 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 1000 MHz

SCM-2+ Datasheet (PDF)

Go To PDF Page Download Datasheet
SCM-2+ Datasheet PDF - Mini-Circuits

Part # SCM-2+
Download  SCM-2+ Click to download

File Size   196.66 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 1000 MHz

SCM-2+ Datasheet (HTML) - Mini-Circuits




Similar Part No. - SCM-2+

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SCM-2012 SUMIDA-SCM-2012 Datasheet
439Kb / 4P
Multilayer Chip Common Mode Filter
logo
Mini-Circuits
SCM-2500 MINI-SCM-2500 Datasheet
346Kb / 2P
Frequency Mixer
SCM-2500+ MINI-SCM-2500+ Datasheet
346Kb / 2P
Frequency Mixer
SCM-2500LH MINI-SCM-2500LH Datasheet
326Kb / 2P
Frequency Mixer
SCM-2500LH+ MINI-SCM-2500LH+ Datasheet
326Kb / 2P
Frequency Mixer
More results


Similar Description - SCM-2+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZLW-11 MINI-ZLW-11 Datasheet
151Kb / 2P
Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 2000 MHz
ADE-18W MINI-ADE-18W Datasheet
251Kb / 2P
Level 7 (LO Power 7 dBm) 1750 to 3500 MHz Frequency Mixer
ZX05-30W MINI-ZX05-30W Datasheet
178Kb / 2P
Frequency Mixer Level 7 (LO Power 7 dBm) 300 to 4000
JMS-2 MINI-JMS-2 Datasheet
328Kb / 2P
Surface Mount Frequency Mixer Level 7 (LO Power 7 dBm) 20 to 1000 MHz
ADE-5 MINI-ADE-5 Datasheet
256Kb / 2P
Level 7 (LO Power 7 dBm) 5 to 1500 MHz
ADE-R11X MINI-ADE-R11X Datasheet
170Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 10 to 2000 MHz
ADE-R901 MINI-ADE-R901 Datasheet
230Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 300 to 1000 MHz
CY7C1520KV18 MINI-CY7C1520KV18 Datasheet
261Kb / 2P
Frequency Mixer wide band Level 7 (LO Power 7 dBm) 3700 to 10000 MHz
TUF-R1SM MINI-TUF-R1SM Datasheet
268Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 5 to 600 MHz
TUF-R2SM MINI-TUF-R2SM Datasheet
254Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 50 to 1000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com