Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-18W Datasheet (PDF) - Mini-Circuits

ADE-18W Datasheet PDF - Mini-Circuits
Part # ADE-18W
Download  ADE-18W Download
File Size   251.76 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Level 7 (LO Power 7 dBm) 1750 to 3500 MHz Frequency Mixer

ADE-18W Datasheet (PDF)

Go To PDF Page Download Datasheet
ADE-18W Datasheet PDF - Mini-Circuits

Part # ADE-18W
Download  ADE-18W Click to download

File Size   251.76 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Level 7 (LO Power 7 dBm) 1750 to 3500 MHz Frequency Mixer

ADE-18W Datasheet (HTML) - Mini-Circuits


ADE-18W Product details

Features

• low conversion loss, 5.4 dB typ.

• good isolation, 33 dB typ.

• low profile package

• aqueous washable

• protected by U.S. Patent 6,133,525



Applications

• PCS

• MMDS

• ISM




Similar Part No. - ADE-18W

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-18W+ MINI-ADE-18W+ Datasheet
255Kb / 1P
FREQUENCY MIXERS
More results


Similar Description - ADE-18W

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZLW-11 MINI-ZLW-11 Datasheet
151Kb / 2P
Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 2000 MHz
SCM-2+ MINI-SCM-2+ Datasheet
196Kb / 2P
Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 1000 MHz
ZX05-30W MINI-ZX05-30W Datasheet
178Kb / 2P
Frequency Mixer Level 7 (LO Power 7 dBm) 300 to 4000
JMS-2 MINI-JMS-2 Datasheet
328Kb / 2P
Surface Mount Frequency Mixer Level 7 (LO Power 7 dBm) 20 to 1000 MHz
ADE-R6 MINI-ADE-R6 Datasheet
227Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 0.15 to 250 MHz
ADE-R11X MINI-ADE-R11X Datasheet
170Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 10 to 2000 MHz
ADE-R20 MINI-ADE-R20 Datasheet
224Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 1500 to 2800 MHz
ADE-R901 MINI-ADE-R901 Datasheet
230Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 300 to 1000 MHz
CY7C1520KV18 MINI-CY7C1520KV18 Datasheet
261Kb / 2P
Frequency Mixer wide band Level 7 (LO Power 7 dBm) 3700 to 10000 MHz
TUF-R2SM MINI-TUF-R2SM Datasheet
254Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 50 to 1000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com