Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-5 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-5
Description  Level 7 (LO Power 7 dBm) 5 to 1500 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-5 Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-5 Datasheet HTML 1Page - Mini-Circuits ADE-5 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Level 7 (LO Power +7 dBm) 5 to 1500 MHz
Frequency Mixer
Surface Mount
CASE STYLE: CD542
PRICE: $3.45 ea. QTY (10-49)
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
6
RF
3
IF
2
GROUND
1,4,5
Outline Drawing
Electrical Specifications
REV. D
M102713
ADE-5
ED-7007/1
DJ/TD/CP/AM
070412
Page 1 of 2
1 dB COMP.: +1 dBm typ.
Phase detection, positive polarity
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ.
5-1500
DC-1000
6.6
0.10
7.5
9.3
50 40
40 25
33 23
50 40
30 20
20 10
15
A
B
C
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
Typical Performance Data
Electrical Schematic
ADE-5
ADE-5+
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
5.0
35.0
7.0
63.9
53.6
1.59
1.91
10.0
40.0
6.6
63.2
52.2
1.51
1.94
50.0
80.0
6.5
56.7
46.6
1.39
1.91
100.0
130.0
6.6
52.7
41.7
1.38
1.91
197.1
227.1
6.7
49.0
36.3
1.41
1.94
295.6
325.6
6.6
47.3
33.5
1.40
2.01
394.1
424.1
6.7
43.7
32.0
1.39
2.20
492.6
522.6
6.5
42.4
30.7
1.35
2.40
500.0
530.0
6.6
41.9
30.5
1.34
2.37
591.1
621.1
6.6
39.7
29.9
1.35
2.40
689.6
719.6
6.6
36.8
28.5
1.28
2.32
788.1
818.1
6.6
35.2
26.0
1.23
2.30
886.6
916.6
6.5
33.4
23.5
1.14
2.32
985.1
1015.1
6.4
33.2
21.8
1.09
2.49
1000.0
1030.0
6.5
33.5
21.5
1.11
2.58
1182.0
1212.0
6.6
35.6
20.4
1.50
2.88
1280.5
1310.5
7.1
36.3
19.2
1.81
2.92
1379.0
1409.0
7.6
34.3
17.9
2.10
2.92
1477.5
1507.5
8.2
31.2
17.1
2.37
2.88
1500.0
1530.0
8.2
30.5
16.8
2.46
2.96
Features
• low conversion loss, 6.6 dB typ.
• excellent L-R isolation, 40 dB typ.
• excellent IP3, 15 dBm
• aqueous washable
• protected by U.S. Patent 6,133,525
Applications
• cellular
• PCS
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.


Similar Part No. - ADE-5

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
145Kb / 2P
Frequency Mixer
ADE-1+ MINI-ADE-1+ Datasheet
231Kb / 2P
Frequency Mixer
ADE-10H MINI-ADE-10H Datasheet
298Kb / 2P
Frequency Mixer
ADE-10H+ MINI-ADE-10H+ Datasheet
298Kb / 2P
Frequency Mixer
More results

Similar Description - ADE-5

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFM-4212 MINI-ZFM-4212 Datasheet
127Kb / 2P
Level 7 (LO Power 7 dBm) 2000 to 4200 MHz
ZX05-1 MINI-ZX05-1 Datasheet
223Kb / 2P
Level 7 (LO Power 7 dBm) 0.5 to 500 MHz
ZLW-11 MINI-ZLW-11 Datasheet
151Kb / 2P
Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 2000 MHz
SCM-2+ MINI-SCM-2+ Datasheet
196Kb / 2P
Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 1000 MHz
ADE-18W MINI-ADE-18W Datasheet
251Kb / 2P
Level 7 (LO Power 7 dBm) 1750 to 3500 MHz Frequency Mixer
ADE-R11X MINI-ADE-R11X Datasheet
170Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 10 to 2000 MHz
ADE-R20 MINI-ADE-R20 Datasheet
224Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 1500 to 2800 MHz
TUF-R1SM MINI-TUF-R1SM Datasheet
268Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 5 to 600 MHz
TUF-R5SM MINI-TUF-R5SM Datasheet
258Kb / 1P
High Reliability Mixer Level 7 (LO Power 7 dBm) 20 to 1500 MHz
RMS-30 MINI-RMS-30 Datasheet
575Kb / 2P
Level 7 (LO Power 7 dBm) 200 to 3000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com