Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZABT-2R15G Datasheet (PDF) - Mini-Circuits

ZABT-2R15G Datasheet PDF - Mini-Circuits
Part # ZABT-2R15G
Download  ZABT-2R15G Download
File Size   229.63 Kbytes
Page   3 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Bias -Tee / Diplexer 50廓 10 to 2150MHz (10MHz, 950-2150MHz)

ZABT-2R15G Datasheet (PDF)

Go To PDF Page Download Datasheet
ZABT-2R15G Datasheet PDF - Mini-Circuits

Part # ZABT-2R15G
Download  ZABT-2R15G Click to download

File Size   229.63 Kbytes
Page   3 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Bias -Tee / Diplexer 50廓 10 to 2150MHz (10MHz, 950-2150MHz)

ZABT-2R15G Datasheet (HTML) - Mini-Circuits


ZABT-2R15G Product details

Features
• Low insertion loss, 0.5dB Typ.
• Good Isolation, 50dB Typ.

Applications
• Satellite IF band
• Satellite Receivers / Transmitters
• Test accessory




Similar Part No. - ZABT-2R15G

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZABT-80W-13 MINI-ZABT-80W-13 Datasheet
212Kb / 2P
Bias-Tee
ZABT-80W-13+ MINI-ZABT-80W-13+ Datasheet
212Kb / 2P
Bias-Tee
ZABT-80W-13-S+ MINI-ZABT-80W-13-S+ Datasheet
212Kb / 2P
Bias-Tee
More results


Similar Description - ZABT-2R15G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007731-CT1980 MACOM-MABA-007731-CT1980 Datasheet
112Kb / 3P
1:1 Transmission Line Transformer 50-2150MHz
logo
Mini-Circuits
ZFBT-6GW MINI-ZFBT-6GW Datasheet
204Kb / 2P
Bias-Tee 50廓 Wideband 0.1 to 6000 MHz
logo
M/A-COM Technology Solu...
MABA-007731-CT1980 MA-COM-MABA-007731-CT1980 Datasheet
99Kb / 3P
1:1 Transmission Line Transformer 50-2150MHz
logo
Mini-Circuits
TCBT-14 MINI-TCBT-14_16 Datasheet
407Kb / 3P
Bias Tee
Z4BT-2R15G MINI-Z4BT-2R15G Datasheet
483Kb / 4P
Bias-Tee/Diplexer
ZABT-80W-13 MINI-ZABT-80W-13 Datasheet
212Kb / 2P
Bias-Tee
logo
WALSIN TECHNOLOGY CORPO...
RFHPF3225170F0T WALSIN-RFHPF3225170F0T Datasheet
605Kb / 7P
950~2150MHz Band RF Application
RFHPF3225170F07B1U WALSIN-RFHPF3225170F07B1U Datasheet
583Kb / 7P
950~2150MHz Band RF Application
logo
Soshin electric Co., Lt...
ARP-481400-G1 SOSHIN-ARP-481400-G1 Datasheet
262Kb / 3P
3dB 90deg hybrid for 2150MHz
HMD814D-HYB2150 SOSHIN-HMD814D-HYB2150 Datasheet
262Kb / 3P
3dB 90deg hybrid for 2150MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com