Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAPD-2-252 Datasheet (PDF) - Mini-Circuits

ZAPD-2-252 Datasheet PDF - Mini-Circuits
Part # ZAPD-2-252
Download  ZAPD-2-252 Download
File Size   166.83 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner 2 Way-0 50廓 5 to 2500 MHz

ZAPD-2-252 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZAPD-2-252 Datasheet PDF - Mini-Circuits

Part # ZAPD-2-252
Download  ZAPD-2-252 Click to download

File Size   166.83 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner 2 Way-0 50廓 5 to 2500 MHz

ZAPD-2-252 Datasheet (HTML) - Mini-Circuits


ZAPD-2-252 Product details

Features
• wideband, 5 to 2500 MHz, useable from 0.5 to 3000 MHz
• low insertion loss, 1.0 dB typ.
• excellent amplitude unbalance, 0.2 dB typ.
• excellent phase unbalance, 2 deg. typ.
• rugged shielded case

Applications
• VHF/UHF
• PCS
• GPS
• cellular
• instrumentation




Similar Part No. - ZAPD-2-252

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAPD-2-252-75 MINI-ZAPD-2-252-75 Datasheet
139Kb / 1P
Power Splitter/Combiner 2 Way-0 75廓 5 to 2500 MHz
ZAPD-2-252-75+ MINI-ZAPD-2-252-75+ Datasheet
139Kb / 1P
Power Splitter/Combiner 2 Way-0 75廓 5 to 2500 MHz
More results


Similar Description - ZAPD-2-252

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAPD-2-252-75 MINI-ZAPD-2-252-75 Datasheet
139Kb / 1P
Power Splitter/Combiner 2 Way-0 75廓 5 to 2500 MHz
ZAPD-20 MINI-ZAPD-20 Datasheet
165Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 700 to 2000 MHz
ZAPD-50 MINI-ZAPD-50 Datasheet
155Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 4400 to 5000 MHz
ZAPD-1750 MINI-ZAPD-1750 Datasheet
162Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 950 to 1750 MHz
ZC2PD-900 MINI-ZC2PD-900 Datasheet
203Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 800 to 900 MHz
ZFSC-2-1W MINI-ZFSC-2-1W Datasheet
101Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 1 to 750 MHz
ZFSC-2-2 MINI-ZFSC-2-2 Datasheet
102Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 10 to 1000 MHz
ZFSC-2-2500 MINI-ZFSC-2-2500 Datasheet
219Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 10 to 2500 MHz
ZMSC-2-1 MINI-ZMSC-2-1 Datasheet
155Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 0.1 to 400 MHz
ZSC-2-2 MINI-ZSC-2-2 Datasheet
222Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 0.002 to 60 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com