Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTL2A Datasheet (PDF) - Murata Manufacturing Co., Ltd.

DTL2A Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # DTL2A
Download  DTL2A Download
File Size   162.58 Kbytes
Page   5 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 100 Watt, Digitally Programmable Serial-Input, Electronic Loads

DTL2A Datasheet (PDF)

Go To PDF Page Download Datasheet
DTL2A Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # DTL2A
Download  DTL2A Click to download

File Size   162.58 Kbytes
Page   5 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 100 Watt, Digitally Programmable Serial-Input, Electronic Loads

DTL2A Datasheet (HTML) - Murata Manufacturing Co., Ltd.


DTL2A Product details

DATEL’s new DTL2A is an optically isolated, digitally programmable, serial-input, electronic load. It is essentially a digitally controlled current source that can sink currents from 0 to 20 Amps, at loading voltages from 2.5 to 50 Volts, up to a maximum power of 100 Watts. The DTL2A is packaged in a thermally effi cient, 2" x 2" x 0.5" metal package that incorporates an aluminum baseplate with through-hole spacers for easy pcb mounting and/or external heat-sink attachment.

Features
■ 12-bit, optically isolated (500Vdc), CMOS/TTL-compatible serial input
■ 0-20 Amp output in 5mA increments
■ 10MΩ minimum output impedance
■ Output voltage to 50 Volts
■ Output power to 100 Watts
■ ±5mA offset error; ±0.1% gain error
■ 100µsec full-scale step response
■ Update rates to 20kHz
■ Operate in parallel for higher power
■ Miniature, 2" x 2" metal package

Applications
■ Static/dynamic power-supply burn-in
■ Power-supply test and characterization
■ Battery capacity testing
■ Current-source testing
■ Capacitor discharge testing
■ Real-time load simulation




Similar Part No. - DTL2A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DTL2A-LC ETC2-DTL2A-LC Datasheet
288Kb / 5P
100 Watt, Digitally Programmable Low-Voltage, Electronic Loads
logo
Murata Manufacturing Co...
DTL2A-LC MURATA-DTL2A-LC Datasheet
161Kb / 5P
100 Watt, Digitally Programmable Low-Voltage, Electronic Loads
More results


Similar Description - DTL2A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DTL3A ETC1-DTL3A Datasheet
286Kb / 5P
DIGITALLY PROGRAMMABLE, 2A/200V 100WATT, ELECTRONIC LOADS
DTL22A ETC2-DTL22A Datasheet
78Kb / 4P
Voltage-Controlled, 20 Amp 100 Watt, Electronic Loads
DTL2A-LC ETC2-DTL2A-LC Datasheet
288Kb / 5P
100 Watt, Digitally Programmable Low-Voltage, Electronic Loads
logo
Murata Manufacturing Co...
DTL2A-LC MURATA-DTL2A-LC Datasheet
161Kb / 5P
100 Watt, Digitally Programmable Low-Voltage, Electronic Loads
DTL3A MURATA-DTL3A Datasheet
90Kb / 5P
Digitally Programmable, 2A/200V 100 Watt, Electronic Loads
DTL4A MURATA-DTL4A Datasheet
89Kb / 5P
Digitally Programmable, 10A/150V 100 Watt, Electronic Loads
DTL24A MURATA-DTL24A Datasheet
440Kb / 4P
Voltage-Controlled, 10 Amp 100 Watt, Electronic Loads
DTL-IFB-485 MURATA-DTL-IFB-485 Datasheet
449Kb / 14P
Interface Board for Serial-Input Electronic Loads
logo
TEKTRONIX, INC.
2380 TEKTRONIX-2380 Datasheet
544Kb / 5P
Programmable DC Electronic Loads
logo
B&K Precision Corporati...
8600 BK-8600 Datasheet
2Mb / 8P
Programmable DC Electronic Loads
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com