Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SU11 Datasheet (PDF) - Mospec Semiconductor

SU11 Datasheet PDF - Mospec Semiconductor
Part # SU11
Download  SU11 Download
File Size   141.11 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER RECTIFIERS(1.0A,50-400V)

SU11 Datasheet (PDF)

Go To PDF Page Download Datasheet
SU11 Datasheet PDF - Mospec Semiconductor

Part # SU11
Download  SU11 Click to download

File Size   141.11 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER RECTIFIERS(1.0A,50-400V)

SU11 Datasheet (HTML) - Mospec Semiconductor


SU11 Product details

ULTRAFAST FAST RECTIFIERS 1.0 AMPERES 50 -- 400 VOLTS




Similar Part No. - SU11

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SU110 MOSPEC-SU110 Datasheet
149Kb / 2P
POWER RECTIFIERS(1.0A,500-1000V)
logo
SeCoS Halbleitertechnol...
SU1117A SECOS-SU1117A Datasheet
621Kb / 4P
Adjustable or Fixed-Mode Regulator
logo
TE Connectivity Ltd
SU11K0AL TEC-SU11K0AL Datasheet
143Kb / 2P
SMD Precision Current Sense Resistor
03-08
SU11K0AR TEC-SU11K0AR Datasheet
143Kb / 2P
SMD Precision Current Sense Resistor
03-08
SU11K0AT TEC-SU11K0AT Datasheet
143Kb / 2P
SMD Precision Current Sense Resistor
03-08
More results


Similar Description - SU11

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER101 MOSPEC-HER101 Datasheet
132Kb / 2P
HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V)
MH11 MOSPEC-MH11 Datasheet
135Kb / 2P
HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V)
MU11 MOSPEC-MU11 Datasheet
140Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
MU21 MOSPEC-MU21 Datasheet
185Kb / 2P
POWER RECTIFIERS(2.0A,50-400V)
MU31 MOSPEC-MU31 Datasheet
129Kb / 2P
POWER RECTIFIERS(3.0A,50-400V)
MU51 MOSPEC-MU51 Datasheet
132Kb / 2P
POWER RECTIFIERS(5.0A,50-400V)
SF11 MOSPEC-SF11 Datasheet
137Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
SF21 MOSPEC-SF21 Datasheet
134Kb / 2P
POWER RECTIFIERS(2.0A,50-400V)
SF31 MOSPEC-SF31 Datasheet
131Kb / 2P
POWER RECTIFIERS(3.0A,50-400V)
SF41 MOSPEC-SF41 Datasheet
127Kb / 2P
POWER RECTIFIERS(4.0A,50-400V)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com