Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1445A Datasheet (PDF) - Aeroflex Circuit Technology

1445A Datasheet PDF - Aeroflex Circuit Technology
Part # 1445A
Download  1445A Download
File Size   89.82 Kbytes
Page   1 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description Medium Power Coaxial Termination

1445A Datasheet (PDF)

Go To PDF Page Download Datasheet
1445A Datasheet PDF - Aeroflex Circuit Technology

Part # 1445A
Download  1445A Click to download

File Size   89.82 Kbytes
Page   1 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description Medium Power Coaxial Termination

1445A Datasheet (HTML) - Aeroflex Circuit Technology




Similar Part No. - 1445A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1445 VISHAY-1445 Datasheet
173Kb / 3P
Bulk Metal® Foil Technology Dual-In-Line Hermetic Resistor Networks
08-Mar-05
logo
Multicomp Pro
1445 MULTICOMP-1445 Datasheet
182Kb / 1P
Black Nylon Slit Loom Tubing
05/06/20 V1.0
logo
CEE Norm UK Ltd
1445 CEENORM-1445 Datasheet
1Mb / 4P
Socket Outlets
logo
TE Connectivity Ltd
1445022 TEC-1445022 Datasheet
491Kb / 6P
Micro MATE-N-LOK Connector System
1445022 TEC-1445022 Datasheet
491Kb / 6P
Micro MATE-N-LOK Connector System
More results


Similar Description - 1445A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
STM81004X SIEMENS-STM81004X Datasheet
129Kb / 4P
1550 nm Laser in Coaxial Package with SM-Pigtail, Medium Power
logo
Agilent(Hewlett-Packard...
909F HP-909F Datasheet
65Kb / 2P
Precision Coaxial Termination
logo
API Technologies Corp
1419 APITECH-1419 Datasheet
539Kb / 1P
Medium Power
1426 APITECH-1426 Datasheet
529Kb / 1P
Medium Power,
1490 APITECH-1490 Datasheet
132Kb / 1P
High Power Termination
logo
CONEC Elektronische Bau...
13-003073 CONEC-13-003073 Datasheet
223Kb / 1P
Coaxial Plug Contact 50 Ohm Inner conductor solder termination,outer conductor solder- or crimp termination
02.10.2018
131A20019X CONEC-131A20019X Datasheet
136Kb / 1P
Coaxial Plug Contact 50 Ohm Inner conductor solder termination,outer conductor solder or crimp termination
18.09.2001
131A22039X CONEC-131A22039X Datasheet
266Kb / 1P
Coaxial Plug Contact 90° 50 Ohm Inner conductor solder termination,outer conductor solder or crimp termination
21.06.2019
131J22039X CONEC-131J22039X Datasheet
266Kb / 1P
Coaxial Plug Contact 90° 50 Ohm Inner conductor solder termination,outer conductor solder or crimp termination
21.06.2019
132J30029X CONEC-132J30029X Datasheet
50Kb / 1P
COAXIAL CONTACT FEMALE 75OHM Inner conductor for solder termination outer conductor for crimp or solder termination
05.05.1999
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com