Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM5621 Datasheet (PDF) - STMicroelectronics

GM5621 Datasheet PDF - STMicroelectronics
Part # GM5621
Download  GM5621 Download
File Size   119.46 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual input LCD controller for entry level applications

GM5621 Datasheet (PDF)

Go To PDF Page Download Datasheet
GM5621 Datasheet PDF - STMicroelectronics

Part # GM5621
Download  GM5621 Click to download

File Size   119.46 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual input LCD controller for entry level applications

GM5621 Datasheet (HTML) - STMicroelectronics


GM5621 Product details

Description
Genesis GM5621 and GM5626 are all-in-one dual input LCD monitor controllers supporting resolutions up to SXGA/WXGA, available in a very low pin count package. GM5621/5626 leverage Genesis patented advanced image-processing technology, as well as a proven integrated ADC/PLL and an Ultra-Reliable DVI compliant digital receiver to deliver a high-quality solution for mainstream analog and dual input monitors. GM5621/5626 offer new Instant Auto technology, which provides fast and accurate image alignment for both static and moving images of the analog input signal. GM5621 includes an on-chip, industry standard, dual channel LVDS transmitter and a TCON, and GM5626 includes a dual channel RSDS transmitter for direct interfacing of commercially available LVDS/RSDS LCD panel modules.

Features
■ Zoom (from VGA) and shrink (from UXGA) scaling
■ Triple-channel (8-bit) ADC and PLL
■ Ultra-Reliable DVI® receiver (165 MHz)— DVI 1.0-compliant
■ Dual channel RSDS transmitter and TCON (GM5626 only)
■ Dual channel LVDS transmitter
■ Intel x86 compatible microcontroller with
   external SPI ROM interface
■ Versatile OSD engine meets PC OEM specs
■ All system clocks synthesized from a single external crystal
■ Digital color controls and sRGB compliant
■ 10-bit panel gamma correction and high quality
   dithering for 8-bit and 6-bit panel interface
■ DDC controller for host interface purposes
■ Low bandwidth ADC for keypad interface and cable detection
■ Two Pulse Width Modulation (PWM) signals for
   backlight and volume control
■ Internal test pattern generator for factory test purposes
■ Energy Spectrum Management® (ESM®)
■ Instant Auto™ Image Adjustment

Application
■ Mainstream analog and dual-input
   XGA/SXGA/WXGA LCD monitors




Similar Part No. - GM5621

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GM562K MALLORY-GM562K Datasheet
469Kb / 3P
General Purpose Disc Ceramic Capacitors
GM562K MALLORY-GM562K Datasheet
37Kb / 3P
Disc Ceramic Capacitors
More results


Similar Description - GM5621

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FLI8531 STMICROELECTRONICS-FLI8531 Datasheet
115Kb / 7P
Entry level LCD TV controller
25-Aug-2008
FLI8541H STMICROELECTRONICS-FLI8541H Datasheet
131Kb / 7P
Entry level LCD TV controller with HDMI
05-Sep-2008
STDP6026 STMICROELECTRONICS-STDP6026 Datasheet
83Kb / 7P
Triple input LCD controller for WSXGA and WUXGA applications
01-Dec-2009
logo
Dialog Semiconductor
DA9061 DIALOG-DA9061 Datasheet
1Mb / 82P
Entry level PMIC for applications requiring up to 6 A
DA9062 DIALOG-DA9062 Datasheet
1Mb / 93P
Entry level PMIC for applications requiring up to 8.5 A
logo
NEC
E425 NEC-E425 Datasheet
699Kb / 2P
NEC LCD 42 Entry Level Large Format Display
E585 NEC-E585 Datasheet
709Kb / 2P
NEC LCD 58 Entry Level Large Format Display
E705 NEC-E705 Datasheet
967Kb / 2P
NEC LCD 70 Entry Level Large Format Display
E805 NEC-E805 Datasheet
967Kb / 2P
NEC LCD 80 Entry Level Large Format Display
E905 NEC-E905 Datasheet
967Kb / 2P
NEC LCD 90 Entry Level Large Format Display
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com