Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5400 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

1N5400 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 1N5400
Download  1N5400 Download
File Size   258.19 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 50V ~ 1000V 3.0 AMP Silicon Rectifiers

1N5400 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5400 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 1N5400
Download  1N5400 Click to download

File Size   258.19 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 50V ~ 1000V 3.0 AMP Silicon Rectifiers

1N5400 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


1N5400 Product details

FEATURES
*LowForward Voltage Drop
*HighCurrentCapability
*HighReliability
*HighSurge CurrentCapability




Similar Part No. - 1N5400

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5400 MOTOROLA-1N5400 Datasheet
44Kb / 2P
STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Pan Jit International I...
1N5400 PANJIT-1N5400 Datasheet
51Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
Surge Components
1N5400 SURGE-1N5400 Datasheet
121Kb / 2P
3.0 AMPS. SILICON RECTIFIERS?
logo
Transys Electronics
1N5400 TRSYS-1N5400 Datasheet
155Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Wing Shing Computer Com...
1N5400 WINGS-1N5400 Datasheet
278Kb / 2P
SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
More results


Similar Description - 1N5400

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N4001 SECOS-1N4001 Datasheet
331Kb / 2P
VOLTAGE 50V ~ 1000V 1.0 AMP Silicon Rectifiers
1N4001G SECOS-1N4001G Datasheet
144Kb / 2P
VOLTAGE 50V ~ 1000V 1.0 AMP Glass Passivated Silicon Rectifiers
1N5391 SECOS-1N5391 Datasheet
232Kb / 2P
VOLTAGE 50V ~ 1000V 1.5 AMP Silicon Rectifiers
KBP1005G SECOS-KBP1005G Datasheet
207Kb / 2P
VOLTAGE 50V ~ 1000V 1.5 AMP Bridge Rectifiers
KBP2005G SECOS-KBP2005G Datasheet
157Kb / 2P
VOLTAGE 50V ~ 1000V 2 AMP Bridge Rectifiers
RS1505 SECOS-RS1505 Datasheet
95Kb / 2P
VOLTAGE 50V ~ 1000V 15.0 AMP Single Phase Bridge Rectifiers
4GBJ8005 SECOS-4GBJ8005 Datasheet
971Kb / 2P
Voltage 50V ~ 1000V 8.0 Amp Glass Passivited Bridge Rectifiers
GBL005 SECOS-GBL005 Datasheet
790Kb / 2P
Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
RL201G SECOS-RL201G Datasheet
221Kb / 2P
Voltage 50V ~ 1000V 2.0 Amp Glass Passivated Rectifiers
TB151S SECOS-TB151S Datasheet
94Kb / 1P
Voltage 50V ~ 1000V 1.5 Amp Silicon Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com