Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA178L02 Datasheet (PDF) - Renesas Technology Corp

HA178L02 Datasheet PDF - Renesas Technology Corp
Part # HA178L02
Download  HA178L02 Download
File Size   233.3 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3-terminal Fixed Voltage Regulators

HA178L02 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA178L02 Datasheet PDF - Renesas Technology Corp

Part # HA178L02
Download  HA178L02 Click to download

File Size   233.3 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3-terminal Fixed Voltage Regulators

HA178L02 Datasheet (HTML) - Renesas Technology Corp


HA178L02 Product details

Description

The HA178L02/56/06/09/10 series three-terminal fixed output voltage regulators. Can be used not only as stabilized power sources, but also as Zener diodes because of their small outline package.



Features

• Maximum output current: 150 mA (Tj = 25°C)

• Large maximum power dissipation: 800 mW

• Over current protection

• Temperature protection circuit



 




Similar Part No. - HA178L02

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA178L02 HITACHI-HA178L02 Datasheet
90Kb / 21P
3-terminal Fixed Voltage Regulators
HA178L02UA HITACHI-HA178L02UA Datasheet
90Kb / 21P
3-terminal Fixed Voltage Regulators
More results


Similar Description - HA178L02

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17800V HITACHI-HA17800V Datasheet
62Kb / 16P
3-terminal Fixed Voltage Regulators
HA178L00 HITACHI-HA178L00 Datasheet
72Kb / 21P
3-terminal Fixed Voltage Regulators
HA178M00 HITACHI-HA178M00 Datasheet
62Kb / 17P
3-terminal Fixed Voltage Regulators
HA178L12 HITACHI-HA178L12 Datasheet
82Kb / 21P
3-terminal Fixed Voltage Regulators
HA178L15 HITACHI-HA178L15 Datasheet
90Kb / 21P
3-terminal Fixed Voltage Regulators
logo
List of Unclassifed Man...
PJ7800 ETC-PJ7800 Datasheet
381Kb / 9P
3-Terminal Fixed Voltage Positive Regulators
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
logo
Renesas Technology Corp
HA178L00 RENESAS-HA178L00 Datasheet
230Kb / 16P
3-terminal Fixed Voltage Regulators
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
3-terminal Negative Fixed Voltage Regulators
HA179L00 RENESAS-HA179L00_15 Datasheet
131Kb / 9P
3-terminal Negative Fixed Voltage Regulators
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com