Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB649 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

2SB649 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 2SB649
Download  2SB649 Download
File Size   258.25 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description PNP Type Plastic Encapsulate Transistors

2SB649 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB649 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 2SB649
Download  2SB649 Click to download

File Size   258.25 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description PNP Type Plastic Encapsulate Transistors

2SB649 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


2SB649 Product details

FEATURES

Power smplifier applications

Power dissipation

   PCM :    1W(Tamb=25℃)

Collector current

   ICM :    -1.5 A

Collector-base voltage

   V(BR)CBO :  -180 V

Operating and storage junction temperature range

   TJ,Tstg: -55℃ to +150

Collector-emitter voltage

VCEO

2SB649

2SB649A

:  -120 V

:  -160 V




Similar Part No. - 2SB649

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB649 HITACHI-2SB649 Datasheet
35Kb / 8P
Silicon PNP Epitaxial
logo
TRANSYS Electronics Lim...
2SB649 TEL-2SB649 Datasheet
63Kb / 1P
TO-126C Plastic-Encapsulated Transistors
logo
Weitron Technology
2SB649 WEITRON-2SB649 Datasheet
272Kb / 5P
PNP Epitaxial Planar Transistors
logo
Unisonic Technologies
2SB649 UTC-2SB649 Datasheet
77Kb / 4P
BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
logo
Savantic, Inc.
2SB649 SAVANTIC-2SB649 Datasheet
148Kb / 4P
Silicon PNP Power Transistors
More results


Similar Description - 2SB649

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SB772 SECOS-2SB772 Datasheet
368Kb / 2P
PNP Type Plastic Encapsulate Transistors
B772 SECOS-B772 Datasheet
384Kb / 2P
PNP Type Plastic Encapsulate Transistors
BC636 SECOS-BC636 Datasheet
221Kb / 2P
PNP Type Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
CZD772 SECOS-CZD772 Datasheet
295Kb / 3P
PNP Type Plastic Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com