Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1119 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

2SB1119 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 2SB1119
Download  2SB1119 Download
File Size   140.93 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description PNP Silicon Medium Power Transistor

2SB1119 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1119 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 2SB1119
Download  2SB1119 Click to download

File Size   140.93 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description PNP Silicon Medium Power Transistor

2SB1119 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


2SB1119 Product details

FEATURES

Power dissipation

    PCM : 500mW˄ Tamb=25°C

Collector current

    ICM : -1 A

Collector-base voltage

   VB(BR)CBO : -25 V

Operating and storage junction temperature range

  TJ,Tstg: -55ć to +150ć




Similar Part No. - 2SB1119

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1119 SANYO-2SB1119 Datasheet
85Kb / 3P
LF Amp,Electronic Governor Applications
logo
TRANSYS Electronics Lim...
2SB1119 TEL-2SB1119 Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
logo
Guangdong Kexin Industr...
2SB1119 KEXIN-2SB1119 Datasheet
51Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
Shenzhen Jin Yu Semicon...
2SB1119 HTSEMI-2SB1119 Datasheet
189Kb / 1P
TRANSISTOR(PNP)
logo
MAKO SEMICONDUCTOR CO.,...
2SB1119 MAKOSEMI-2SB1119 Datasheet
113Kb / 2P
Very small size making it easy to provide
More results


Similar Description - 2SB1119

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5195 STMICROELECTRONICS-2N5195 Datasheet
61Kb / 5P
MEDIUM POWER PNP SILICON TRANSISTOR
Jun-1997
2N5195 STMICROELECTRONICS-2N5195_00 Datasheet
122Kb / 5P
MEDIUM POWER PNP SILICON TRANSISTOR
Dec-2000
logo
Microsemi Corporation
2N6193 MICROSEMI-2N6193 Datasheet
58Kb / 2P
PNP MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SA1213 SECOS-2SA1213 Datasheet
289Kb / 3P
PNP Silicon Medium Power Transistor
2SB1132 SECOS-2SB1132 Datasheet
162Kb / 3P
PNP Silicon Medium Power Transistor
2SB1188 SECOS-2SB1188 Datasheet
638Kb / 2P
PNP Silicon Medium Power Transistor
2SB772Q SECOS-2SB772Q Datasheet
86Kb / 2P
PNP Silicon Medium Power Transistor
BCP53 SECOS-BCP53 Datasheet
303Kb / 2P
PNP Silicon Medium Power Transistor
2SB1132 SECOS-2SB1132_10 Datasheet
177Kb / 3P
PNP Silicon Medium Power Transistor
2SB1188 SECOS-2SB1188_10 Datasheet
343Kb / 2P
PNP Silicon Medium Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com