Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1198K Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

2SB1198K Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 2SB1198K
Download  2SB1198K Download
File Size   142.04 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description PNP Silicon General Purpose Transistor

2SB1198K Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1198K Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 2SB1198K
Download  2SB1198K Click to download

File Size   142.04 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description PNP Silicon General Purpose Transistor

2SB1198K Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


2SB1198K Product details

FEATURES
    Power dissipation PCM : 0.2 W
    Collector current ICM : -0.5 A
    Collector-base voltage V(BR)CBO : -80 V
    Operating and storage junction temperature range TJ Tstg: -55°C to +150°C

        




Similar Part No. - 2SB1198K

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1198K ROHM-2SB1198K Datasheet
93Kb / 3P
Low-frequency Transistor(-80V, -0.5A)
2SB1198K ROHM-2SB1198K Datasheet
104Kb / 4P
Low-frequency Transistor (-80V, -0.5A)
logo
Foshan Blue Rocket Elec...
2SB1198K FOSHAN-2SB1198K Datasheet
691Kb / 6P
Silicon PNP transistor in a SOT-23 Plastic Package
logo
Guangdong Kexin Industr...
2SB1198K KEXIN-2SB1198K Datasheet
736Kb / 2P
PNP Transistors
logo
SHIKUES Electronics
2SB1198K SKTECHNOLGY-2SB1198K Datasheet
290Kb / 2P
PNP Silicon Epitaxial Planar Transistor
More results


Similar Description - 2SB1198K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
General Purpose Transistor PNP Silicon
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com