Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4115S Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

2SC4115S Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 2SC4115S
Download  2SC4115S Download
File Size   95.73 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Silicon General Purpose Transistor

2SC4115S Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4115S Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 2SC4115S
Download  2SC4115S Click to download

File Size   95.73 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Silicon General Purpose Transistor

2SC4115S Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


2SC4115S Product details

FEATURES
    Power dissipation PD: 0.3 W (Tamb=25°C)
    Collector current ICM: 3 A
    Collector-base voltage V(BR)CBO: 40 V
    Operating and storage junction temperature range TJ, Tstg: -55°C to +150°C




Similar Part No. - 2SC4115S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4115S ROHM-2SC4115S Datasheet
96Kb / 4P
Low Frequency Transistor (20V, 3A)
2SC4115S ROHM-2SC4115S Datasheet
165Kb / 3P
Low Frequency Transistor (20V, 3A)
logo
SHENZHEN YONGERJIA INDU...
2SC4115S WINNERJOIN-2SC4115S Datasheet
131Kb / 1P
TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
2SC4115S JIANGSU-2SC4115S Datasheet
2Mb / 5P
TO-92S Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC4115S-Q MCC-2SC4115S-Q Datasheet
75Kb / 2P
NPN Plastic-Encapsulate Transistors
More results


Similar Description - 2SC4115S

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com