Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A100ERU Datasheet (PDF) - MicroPower Direct, LLC

A100ERU Datasheet PDF - MicroPower Direct, LLC
Part # A100ERU
Download  A100ERU Download
File Size   211.0 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Single & Dual Output, 1.5W Ultra-Wide Input Range DC/DC Converters

A100ERU Datasheet (PDF)

Go To PDF Page Download Datasheet
A100ERU Datasheet PDF - MicroPower Direct, LLC

Part # A100ERU
Download  A100ERU Click to download

File Size   211.0 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Single & Dual Output, 1.5W Ultra-Wide Input Range DC/DC Converters

A100ERU Datasheet (HTML) - MicroPower Direct, LLC


A100ERU Product details

Key Features:
• 1.5W Output Power
• 4:1 Input Voltage Range
• 1,500 VDC Isolation
• -40ºC to +85ºC Temp Range
• Compact DIP Case
• Single & Dual Outputs
• 1.0 MH MTBF
• Industry Standard Pin-Out
• Low, Low Cost!




Similar Part No. - A100ERU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A100ERU MPD-A100ERU_14 Datasheet
227Kb / 2P
A100ERU
More results


Similar Description - A100ERU

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIW2100 TOTAL-POWER-MIW2100 Datasheet
222Kb / 8P
3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2100 MINMAX-MIW2100 Datasheet
218Kb / 8P
3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MKW1000 MINMAX-MKW1000 Datasheet
250Kb / 8P
10W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW2600 MINMAX-MKW2600 Datasheet
240Kb / 8P
15W, Ultra-Wide Input Range, Single & Dual Output DC/DC Converters
MIHW2000 MINMAX-MIHW2000 Datasheet
180Kb / 8P
3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A300RU MPD-A300RU Datasheet
187Kb / 2P
Single & Dual Output, 3W Ultra-Wide Input Range DC/DC Converters
A300RW MPD-A300RW Datasheet
166Kb / 2P
Wide Input Range, 3W Single & Dual Output DC/DC Converters
A400RU MPD-A400RU Datasheet
175Kb / 2P
Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
A500RU MPD-A500RU Datasheet
175Kb / 2P
Single & Dual Output, 5W Ultra-Wide Input Range DC/DC Converters
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com