Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5585F Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

2SC5585F Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 2SC5585F
Download  2SC5585F Download
File Size   135.75 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Silicon General Purpose Transistor

2SC5585F Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5585F Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 2SC5585F
Download  2SC5585F Click to download

File Size   135.75 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Silicon General Purpose Transistor

2SC5585F Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


2SC5585F Product details

FEATURES

Low VCE(sat) - VCE(sat) 250mV at IC = 200mA/IB=10mA

High Current

 




Similar Part No. - 2SC5585F

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5585 ROHM-2SC5585 Datasheet
69Kb / 3P
Low frequency transistor (12V, 0.5A)
logo
Guangdong Kexin Industr...
2SC5585 KEXIN-2SC5585 Datasheet
35Kb / 1P
Low Frequency Transistor
logo
SeCoS Halbleitertechnol...
2SC5585 SECOS-2SC5585 Datasheet
168Kb / 2P
NPN Silicon General Purpose Transistor
logo
Weitron Technology
2SC5585 WEITRON-2SC5585 Datasheet
198Kb / 3P
NPN TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SC5585 SECOS-2SC5585 Datasheet
204Kb / 2P
NPN Silicon General Purpose Transistor
More results


Similar Description - 2SC5585F

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com