Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD601A Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

2SD601A Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 2SD601A
Download  2SD601A Download
File Size   174.87 Kbytes
Page   1 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Plastic-Encapsulate Transistor

2SD601A Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD601A Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 2SD601A
Download  2SD601A Click to download

File Size   174.87 Kbytes
Page   1 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Plastic-Encapsulate Transistor

2SD601A Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


2SD601A Product details

FEATURES

Power dissipation

  PCM: 0.2 W (TAMB=25℃)

Collector current

   ICM: 0.1 A

Collector-base voltage

   V(BR)CBO: 60 V

Operating and storage junction temperature range TJ,TSTG: -55℃to +150℃




Similar Part No. - 2SD601A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD601A PANASONIC-2SD601A Datasheet
48Kb / 3P
Silicon PNP epitaxial planer type
2SD601A PANASONIC-2SD601A Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type
2SD601A PANASONIC-2SD601A Datasheet
208Kb / 5P
Si NPN DIFFUSED JUNCTION MESA
logo
Guangdong Kexin Industr...
2SD601A KEXIN-2SD601A Datasheet
38Kb / 1P
Silicon NPN Epitaxial Planer Type
logo
SeCoS Halbleitertechnol...
2SD601A SECOS-2SD601A Datasheet
58Kb / 1P
NPN Plastic-Encapsulate Transistor
More results


Similar Description - 2SD601A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602_11 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com