Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A223R Datasheet (PDF) - MicroPower Direct, LLC

A223R Datasheet PDF - MicroPower Direct, LLC
Part # A223R
Download  A223R Download
File Size   94.47 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Compact, Regulated, 2W Single & Dual Output DC/DC Converters

A223R Datasheet (PDF)

Go To PDF Page Download Datasheet
A223R Datasheet PDF - MicroPower Direct, LLC

Part # A223R
Download  A223R Click to download

File Size   94.47 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Compact, Regulated, 2W Single & Dual Output DC/DC Converters

A223R Datasheet (HTML) - MicroPower Direct, LLC


A223R Product details

Key Features:
● 2W Output Power
● Compact DIP Case
● 500 VDC Isolation
● Tight Line/Load Regulation
● Single & Dual Outputs
● 20 Standard Models
● 1.0 MH MTBF
● Industry Standard Pin-Out




Similar Part No. - A223R

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A223RHI MPD-A223RHI Datasheet
184Kb / 2P
Very High Isolation, 2W Single & Dual Output DC/DC Con vert ers
A223RHI MPD-A223RHI Datasheet
201Kb / 2P
A200RHI
More results


Similar Description - A223R

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A300R MPD-A300R Datasheet
93Kb / 2P
Compact, Regulated, 3W Single & Dual Output DC/DC Converters
G200 MPD-G200 Datasheet
75Kb / 2P
Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
logo
SL Power Electronics
DC1-2_DD SLPOWER-DC1-2_DD Datasheet
340Kb / 3P
2W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
Isolated 2W Dual&Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPB-2W TOPPOWER-TPB-2W Datasheet
154Kb / 2P
2W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPH-2W TOPPOWER-TPH-2W Datasheet
208Kb / 4P
2W Isolated Single & Dual Output DC/DC Converters
TPB TOPPOWER-TPB Datasheet
648Kb / 2P
2W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB TOPPOWER-TPB_19 Datasheet
667Kb / 2P
2W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPI-2W TOPPOWER-TPI-2W Datasheet
800Kb / 3P
2W 3KVDC Isolated & Regulated Single and Dual Output DC/DC Converters
TPB TOPPOWER-TPB_V01 Datasheet
704Kb / 2P
2W 3KVDC Isolation Regulated Single Output DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com