Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS201 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

RS201 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # RS201
Download  RS201 Download
File Size   225.58 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers

RS201 Datasheet (PDF)

Go To PDF Page Download Datasheet
RS201 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # RS201
Download  RS201 Click to download

File Size   225.58 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers

RS201 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


RS201 Product details

FEATURES

* Ideal for printed circuit board

* Low forward voltage

* Polarity: marked on body

* Mounting position: Any

* Weight: 2.74 grams

* Low leakage current



 




Similar Part No. - RS201

ManufacturerPart #DatasheetDescription
logo
Bytes
RS201 BYTES-RS201 Datasheet
144Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Dc Components
RS201 DCCOM-RS201 Datasheet
381Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
RS201 FORMOSA-RS201 Datasheet
29Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
GOOD-ARK Electronics
RS201 GOOD-ARK-RS201 Datasheet
48Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Leshan Radio Company
RS201 LRC-RS201 Datasheet
53Kb / 2P
2.0A BRIDGE RECTIFIERS
More results


Similar Description - RS201

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
RB151 SECOS-RB151 Datasheet
226Kb / 2P
VOLTAGE 50V ~ 1000V 1.5AMP Single Phase Bridge Rectifiers
RS201L SECOS-RS201L Datasheet
290Kb / 2P
VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
RS601 SECOS-RS601 Datasheet
95Kb / 2P
VOLTAGE 50V ~ 1000V 6.0AMP Single Phase Bridge Rectifiers
RS601M SECOS-RS601M Datasheet
93Kb / 2P
VOLTAGE 50V ~ 1000V 6.0AMP Single Phase Bridge Rectifiers
RS801 SECOS-RS801 Datasheet
238Kb / 2P
VOLTAGE 50V ~ 1000V 8.0AMP Single Phase Bridge Rectifiers
RS801M SECOS-RS801M Datasheet
92Kb / 2P
VOLTAGE 50V ~ 1000V 8.0AMP Single Phase Bridge Rectifiers
RS1505 SECOS-RS1505 Datasheet
95Kb / 2P
VOLTAGE 50V ~ 1000V 15.0 AMP Single Phase Bridge Rectifiers
S20 SECOS-S20 Datasheet
218Kb / 2P
VOLTAGE 50V ~ 1000V 0.8AMP Single Phase Surface Mount Bridge Rectifiers
D2UB05 SECOS-D2UB05 Datasheet
187Kb / 2P
Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
GBP2005 SECOS-GBP2005 Datasheet
226Kb / 2P
Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com