Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS501 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

RS501 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # RS501
Download  RS501 Download
File Size   363.17 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Silicon BridgeRectifiers

RS501 Datasheet (PDF)

Go To PDF Page Download Datasheet
RS501 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # RS501
Download  RS501 Click to download

File Size   363.17 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Silicon BridgeRectifiers

RS501 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


RS501 Product details

FEATURES
● Plastic material used carries UL recognition 94V-0
● High surge current capability
● Ldeal for printed circuit board
● Typical IR less than 1mA
● Built-in printed board stand offs
● High temperature soldering guaranteed: 250℃ for 5 seconds




Similar Part No. - RS501

ManufacturerPart #DatasheetDescription
logo
Dc Components
RS501 DCCOM-RS501 Datasheet
239Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
RS501 GOOD-ARK-RS501 Datasheet
240Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Chongqing Pingwei Enter...
RS501 CHONGQING-RS501 Datasheet
47Kb / 1P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
RS501 FORMOSA-RS501 Datasheet
82Kb / 6P
Bridge Rectifier
logo
Yangzhou yangjie electr...
RS501 YANGJIE-RS501 Datasheet
154Kb / 2P
Bridge Rectifier
More results


Similar Description - RS501

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S9018-G MCC-S9018-G Datasheet
222Kb / 2P
NPN Silicon NPN Silicon
logo
New Jersey Semi-Conduct...
1N4719P NJSEMI-1N4719P Datasheet
81Kb / 1P
SILICON
logo
Micro Commercial Compon...
LLDB3-TP MCC-LLDB3-TP Datasheet
338Kb / 3P
SILICON SILICON BIDIRECTIONAL DIAC
logo
Dongguan City Niuhang E...
GBU4A-NH-E NIUHANG-GBU4A-NH-E Datasheet
4Mb / 3P
BRIDGERECTIFIERS
GBU4005-NH-E NIUHANG-GBU4005-NH-E Datasheet
4Mb / 3P
BRIDGERECTIFIERS
GBU8005-NH-E NIUHANG-GBU8005-NH-E Datasheet
2Mb / 2P
BRIDGERECTIFIERS
GBU610G-NH-OK NIUHANG-GBU610G-NH-OK Datasheet
5Mb / 3P
BRIDGERECTIFIERS
GBU4006GL NIUHANG-GBU4006GL Datasheet
6Mb / 3P
LOW VF BRIDGERECTIFIERS
logo
Bytesonic Electronics C...
GBP407 BYTESONIC-GBP407 Datasheet
214Kb / 2P
GLASSPASSIVATED BRIDGERECTIFIERS
Version 1.1 2013/9/28
D6KB05 BYTESONIC-D6KB05 Datasheet
224Kb / 2P
GLASS PASSIVATED BRIDGERECTIFIERS
Version 1.0 2015/2/2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com