Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2011RU Datasheet (PDF) - MicroPower Direct, LLC

B2011RU Datasheet PDF - MicroPower Direct, LLC
Part # B2011RU
Download  B2011RU Download
File Size   275.77 Kbytes
Page   4 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description 4:1 Input Range, 20W Single & Dual Output DC/DC Con vert ers

B2011RU Datasheet (PDF)

Go To PDF Page Download Datasheet
B2011RU Datasheet PDF - MicroPower Direct, LLC

Part # B2011RU
Download  B2011RU Click to download

File Size   275.77 Kbytes
Page   4 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description 4:1 Input Range, 20W Single & Dual Output DC/DC Con vert ers

B2011RU Datasheet (HTML) - MicroPower Direct, LLC




Similar Part No. - B2011RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B2011RU MPD-B2011RU Datasheet
276Kb / 4P
B2000RU SERIES
B2011RUI MPD-B2011RUI Datasheet
226Kb / 2P
Compact, High Isolation 4:1 Input Range, 20W DC/DC Converters
B2011RUI MPD-B2011RUI Datasheet
227Kb / 2P
B2000RUI SERIES
More results


Similar Description - B2011RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MI2500RU MPD-MI2500RU Datasheet
805Kb / 4P
Compact, 25W, 4:1 Input Range DC/DC Con vert ers
MA600ERU MPD-MA600ERU Datasheet
901Kb / 4P
4:1 Input, 6W DIP, Single & Dual Output DC/DC Con vert ers
MA800RU MPD-MA800RU Datasheet
361Kb / 3P
4:1 Input Range, 8W Single & Dual Output DC/DC Con vert ers
MA1000RU MPD-MA1000RU Datasheet
354Kb / 3P
4:1 Input Range, 10W Single & Dual Output DC/DC Con vert ers
MA1200RU MPD-MA1200RU Datasheet
422Kb / 3P
4:1 Input Range, 12W Single & Dual Output DC/DC Con vert ers
MA1200RW MPD-MA1200RW Datasheet
379Kb / 3P
2:1 Input Range, 12W Single & Dual Output DC/DC Con vert ers
MA1500RU MPD-MA1500RU Datasheet
347Kb / 3P
4:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
MA1500RW MPD-MA1500RW Datasheet
384Kb / 3P
2:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
MD900XRU MPD-MD900XRU Datasheet
895Kb / 4P
4:1 Input, 9W SIP, Single & Dual Output DC/DC Con vert ers
MF3000ERW MPD-MF3000ERW Datasheet
840Kb / 4P
Wide 4:1 Input, 30W Single & Dual Output DC/DC Con vert ers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com