Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D128E Datasheet (PDF) - MicroPower Direct, LLC

D128E Datasheet PDF - MicroPower Direct, LLC
Part # D128E
Download  D128E Download
File Size   183.91 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Low Cost, 1W SIP Single & Dual Output DC/DC Converters

D128E Datasheet (PDF)

Go To PDF Page Download Datasheet
D128E Datasheet PDF - MicroPower Direct, LLC

Part # D128E
Download  D128E Click to download

File Size   183.91 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Low Cost, 1W SIP Single & Dual Output DC/DC Converters

D128E Datasheet (HTML) - MicroPower Direct, LLC


D128E Product details

Low Cost, 1W SIP Single & Dual Output DC/DC Converters



Key Features:

•1W Output Power

•Miniature SIP Case

•UL Approved (File E245422)

•Single & Dual Outputs

•1,000 VDC Isolation

•>3.5 MHour MTBF

•24 Standard Models

• LOWEST COST!!




Similar Part No. - D128E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D128EI ETC1-D128EI Datasheet
82Kb / 2P
Low Cost, 1W High Isolation SIP DC/DC Converters
logo
MicroPower Direct, LLC
D128EI MPD-D128EI Datasheet
183Kb / 2P
Low Cost, 1W SIP High Isolation DC/DC Converters
D128ER MPD-D128ER Datasheet
192Kb / 2P
Low Cost, 1W SIP Tightly Regulated DC/DC Con vert ers
D128ERW MPD-D128ERW Datasheet
185Kb / 2P
Low Cost, Miniature 1W SIP, Wide Input DC/DC Converters
More results


Similar Description - D128E

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
D100ED MPD-D100ED Datasheet
209Kb / 2P
Very Low Cost, 1W SIP Dual Isolated Output DC/DC Converters
D200E MPD-D200E Datasheet
181Kb / 2P
Low Cost, 2W SIP Single & Dual Output DC/DC Converters
DM100E MPD-DM100E Datasheet
217Kb / 2P
UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
G100E MPD-G100E Datasheet
183Kb / 2P
Low Cost, 1W MiniDIP Single & Dual Output DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
662Kb / 3P
High Isolation, 1W SIP Single & Dual Output DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com