Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D127EI Datasheet (PDF) - MicroPower Direct, LLC

D127EI Datasheet PDF - MicroPower Direct, LLC
Part # D127EI
Download  D127EI Download
File Size   183.67 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Low Cost, 1W SIP High Isolation DC/DC Converters

D127EI Datasheet (PDF)

Go To PDF Page Download Datasheet
D127EI Datasheet PDF - MicroPower Direct, LLC

Part # D127EI
Download  D127EI Click to download

File Size   183.67 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Low Cost, 1W SIP High Isolation DC/DC Converters

D127EI Datasheet (HTML) - MicroPower Direct, LLC


D127EI Product details

Low Cost, 1W High Isolation SIP DC/DC Converters

Key Features:
● 1W Output Power
● 3,000 VDC Isolation
● Miniature SIP Case
● Single & Dual Outputs
● >1 MHour MTBF
● 24 Standard Models
● LOWEST COST!!




Similar Part No. - D127EI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D127EI ETC1-D127EI Datasheet
82Kb / 2P
Low Cost, 1W High Isolation SIP DC/DC Converters
More results


Similar Description - D127EI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D118EI ETC1-D118EI Datasheet
82Kb / 2P
Low Cost, 1W High Isolation SIP DC/DC Converters
logo
MicroPower Direct, LLC
D100EHI MPD-D100EHI Datasheet
181Kb / 2P
Low Cost, Miniature SIP 1W, Very High Isolation DC/DC Converters
D100I MPD-D100I Datasheet
201Kb / 2P
High Isolation Miniature, 1W SIP DC/DC Converters
D100VHI MPD-D100VHI Datasheet
193Kb / 2P
Miniature, 1W SIP Ultra-High Isolation DC/DC Converters
D200EI MPD-D200EI Datasheet
168Kb / 2P
Low Cost, 2W SIP High Isolation DC/DC Converters
E100E MPD-E100E Datasheet
230Kb / 2P
Low Cost, 1W Ultra-Miniature SIP DC/DC Converters
E100I MPD-E100I Datasheet
185Kb / 2P
High Isolation Miniature, 1W SIP DC/DC Converters
G100EI MPD-G100EI Datasheet
180Kb / 2P
Low Cost, 1W MiniDIP High Isolation DC/DC Converters
E100EI MPD-E100EI Datasheet
266Kb / 2P
1W, High Isolation Ultra-Miniature SIP DC/DC Converters
MD200XEI MPD-MD200XEI Datasheet
409Kb / 2P
Low Cost, 2W High Isolation SIP DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com