Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD12 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SCD12 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SCD12
Download  SCD12 Download
File Size   320.92 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 20V ~ 60V 1.0 AMP Surface Mount Schottky Barrier Rectifiers

SCD12 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCD12 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SCD12
Download  SCD12 Click to download

File Size   320.92 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 20V ~ 60V 1.0 AMP Surface Mount Schottky Barrier Rectifiers

SCD12 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SCD12 Product details

FEATURES
* Plastic package has Underwriters Laboratory Flammability
* Classification 94V-0
* Low profile package
* Built-in strain relief
* Metal to silicon rectifier , majority carrier conduction
* Low power loss , High efficiency
* High current capability
* High surge capacity
* For using in low voltage high frequency switching power supply, inverters , free wheeling , and polarity protection applications




Similar Part No. - SCD12

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SCD12 ZOWIE-SCD12 Datasheet
55Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
First Components Intern...
SCD12 FCI-SCD12 Datasheet
65Kb / 2P
1.0 Amp SCHOTTKY BARRIER RECTIFIERS LOW PROFILE PACKAGE
logo
Zowie Technology Corpor...
SCD120H ZOWIE-SCD120H Datasheet
221Kb / 2P
Schottky Barrier Diode
SCD120H ZOWIE-SCD120H Datasheet
221Kb / 2P
Schottky Barrier Diode
logo
Intel Corporation
SCD1283 INTEL-SCD1283 Datasheet
1Mb / 94P
IEEE 1284-Compatible Parallel Interface
More results


Similar Description - SCD12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS115 ETC-SS115 Datasheet
48Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCD22 SECOS-SCD22 Datasheet
267Kb / 2P
VOLTAGE 20V ~ 60V 2.0 AMP Surface Mount Schottky Barrier Rectifiers
SCD32 SECOS-SCD32 Datasheet
268Kb / 2P
VOLTAGE 20V ~ 60V 3.0 AMP Surface Mount Schottky Barrier Rectifiers
SCS120PR SECOS-SCS120PR Datasheet
198Kb / 2P
VOLTAGE 20V ~ 40V 1.0 AMP Schottky Barrier Rectifiers
SM520B SECOS-SM520B_12 Datasheet
403Kb / 2P
Voltage 20V ~ 60V 5.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SS12F DGNJDZ-SS12F Datasheet
341Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
First Silicon Co., Ltd
SK12 FS-SK12 Datasheet
249Kb / 3P
VOLTAGE 20V ~ 60V 1.0AMP Surface Mount Schottky Barrier Rectifiers
SK22A FS-SK22A Datasheet
189Kb / 3P
VOLTAGE 20V ~ 60V 2.0AMP Surface Mount Schottky Barrier Rectifiers
SK32 FS-SK32 Datasheet
299Kb / 3P
VOLTAGE 20V ~ 60V 3.0AMP Surface Mount Schottky Barrier Rectifiers
SK32A FS-SK32A Datasheet
186Kb / 3P
VOLTAGE 20V ~ 60V 3.0AMP Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com