Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD5393S Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SCD5393S Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SCD5393S
Download  SCD5393S Download
File Size   484.5 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated Rectifier

SCD5393S Datasheet (PDF)

Go To PDF Page Download Datasheet
SCD5393S Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SCD5393S
Download  SCD5393S Click to download

File Size   484.5 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated Rectifier

SCD5393S Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SCD5393S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCD5393 SECOS-SCD5393 Datasheet
469Kb / 2P
VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated Rectifier
SCD5393 SECOS-SCD5393_15 Datasheet
470Kb / 2P
1.0 AMP Glass Passivated Rectifier
More results


Similar Description - SCD5393S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N4001G SECOS-1N4001G Datasheet
144Kb / 2P
VOLTAGE 50V ~ 1000V 1.0 AMP Glass Passivated Silicon Rectifiers
FR101 SECOS-FR101 Datasheet
142Kb / 2P
1.0 AMP Glass Passivated Fast Rectifier
SCD4003 SECOS-SCD4003 Datasheet
476Kb / 2P
VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated Rectifier
SCD5393 SECOS-SCD5393 Datasheet
469Kb / 2P
VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated Rectifier
SCDF103 SECOS-SCDF103 Datasheet
815Kb / 2P
VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated Fast Recovery Rectifier
SCDH103 SECOS-SCDH103 Datasheet
496Kb / 2P
VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated High Efficient Rectifier
TB2S SECOS-TB2S Datasheet
263Kb / 2P
Voltage 200V ~ 1000V 1.0 Amp Silicon Bridge Rectifiers
logo
WILLAS ELECTRONIC CORP
GS1A WILLAS-GS1A Datasheet
492Kb / 2P
1.0 AMP GLASS PASSIVATED SILICON RECTIFIER
logo
SeCoS Halbleitertechnol...
SCD5393 SECOS-SCD5393_15 Datasheet
470Kb / 2P
1.0 AMP Glass Passivated Rectifier
MB10M SECOS-MB10M Datasheet
145Kb / 2P
1000V 1.0 Amp Miniature SMD Glass Passivated Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com