Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D212ED Datasheet (PDF) - MicroPower Direct, LLC

D212ED Datasheet PDF - MicroPower Direct, LLC
Part # D212ED
Download  D212ED Download
File Size   209.08 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Very Low Cost, 2W SIP Dual Isolated Output DC/DC Converters

D212ED Datasheet (PDF)

Go To PDF Page Download Datasheet
D212ED Datasheet PDF - MicroPower Direct, LLC

Part # D212ED
Download  D212ED Click to download

File Size   209.08 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Very Low Cost, 2W SIP Dual Isolated Output DC/DC Converters

D212ED Datasheet (HTML) - MicroPower Direct, LLC


D212ED Product details

Key Features:
• 2W Output Power
• Miniature SIP Case
• UL Approved (File E245422)
• Dual Isolated Outputs
• 1,000 VDC Isolation
• >3.5 MHour MTBF
• 12 Standard Models
• Industry Standard Pin-Out
• LOWEST COST!!




Similar Part No. - D212ED

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D212E MPD-D212E Datasheet
181Kb / 2P
Low Cost, 2W SIP Single & Dual Output DC/DC Converters
D212EI MPD-D212EI Datasheet
168Kb / 2P
Low Cost, 2W SIP High Isolation DC/DC Converters
D212ERU MPD-D212ERU Datasheet
205Kb / 2P
Low Cost, 4:1 Input Miniature, 2W SIP DC/DC Converters
D212ERU MPD-D212ERU Datasheet
319Kb / 2P
D200ERU SERIES
D212ERW MPD-D212ERW Datasheet
188Kb / 2P
Low Cost, Miniature 2W SIP, Wide Input DC/DC Con vert ers
More results


Similar Description - D212ED

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
Isolated 2W Dual Output DC-DC Converters
logo
MicroPower Direct, LLC
D100ED MPD-D100ED Datasheet
209Kb / 2P
Very Low Cost, 1W SIP Dual Isolated Output DC/DC Converters
D200E MPD-D200E Datasheet
181Kb / 2P
Low Cost, 2W SIP Single & Dual Output DC/DC Converters
E200E MPD-E200E Datasheet
201Kb / 2P
Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
LF200ED MPD-LF200ED Datasheet
263Kb / 2P
Low Cost, 2W SMT Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMH0512DC MURATA-NMH0512DC Datasheet
223Kb / 6P
Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
2A-XD MICRODC-2A-XD Datasheet
632Kb / 4P
Isolated 2W Dual Output DC/DC Converters
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
Isolated 2W Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MD200XEI MPD-MD200XEI Datasheet
409Kb / 2P
Low Cost, 2W High Isolation SIP DC/DC Converters
ME200SE MPD-ME200SE Datasheet
429Kb / 2P
Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com