Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D201ERW Datasheet (PDF) - MicroPower Direct, LLC

D201ERW Datasheet PDF - MicroPower Direct, LLC
Part # D201ERW
Download  D201ERW Download
File Size   188.67 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Low Cost, Miniature 2W SIP, Wide Input DC/DC Con vert ers

D201ERW Datasheet (PDF)

Go To PDF Page Download Datasheet
D201ERW Datasheet PDF - MicroPower Direct, LLC

Part # D201ERW
Download  D201ERW Click to download

File Size   188.67 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Low Cost, Miniature 2W SIP, Wide Input DC/DC Con vert ers

D201ERW Datasheet (HTML) - MicroPower Direct, LLC


D201ERW Product details

Key Features:
• 2W Output Power
• 2:1 Input Voltage Range
• 1,500 VDC Isolation
• Short Circuit Protected
• Miniature SIP Case
• Single & Dual Outputs
• 1.0 MH MTBF
• Industry Standard Pin-Out
• Low Low Cost!!




Similar Part No. - D201ERW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D201ERU MPD-D201ERU Datasheet
205Kb / 2P
Low Cost, 4:1 Input Miniature, 2W SIP DC/DC Converters
D201ERU MPD-D201ERU Datasheet
319Kb / 2P
D200ERU SERIES
More results


Similar Description - D201ERW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D100ER MPD-D100ER Datasheet
192Kb / 2P
Low Cost, 1W SIP Tightly Regulated DC/DC Con vert ers
A100EHI MPD-A100EHI_14 Datasheet
207Kb / 2P
Low Cost, Miniature DIP 1W, Very High Isolation DC/DC Con vert ers
MC1500XRW MPD-MC1500XRW Datasheet
553Kb / 2P
High Performance, 15W Wide Input Range DC/DC Con vert ers
MD600XRWI MPD-MD600XRWI Datasheet
840Kb / 4P
2:1 Input, SIP, High Isolation, 6W DC/DC Con vert ers
MD200XE MPD-MD200XE Datasheet
350Kb / 2P
Low Cost, 2W Miniature SIP DC/DC Con vert ers
MD100MEHI MPD-MD100MEHI Datasheet
452Kb / 3P
Miniature, 1W SIP Medical Approved DC/DC Con vert ers
MD100VHI MPD-MD100VHI Datasheet
475Kb / 2P
Miniature 1W, SIP, Very High Isolation DC/DC Con vert ers
ME05S MPD-ME05S_18 Datasheet
448Kb / 2P
Low Cost, 0.5W Ultra-Miniature SIP DC/DC Con vert ers
ME05SI MPD-ME05SI_18 Datasheet
464Kb / 2P
High Isolation, 0.5W Ultra-Miniature SIP DC/DC Con vert ers
D100D MPD-D100D Datasheet
141Kb / 2P
Miniature, 1W SIP Dual Isolated Output DC/DC Con vert ers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com