Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D213EI Datasheet (PDF) - MicroPower Direct, LLC

D213EI Datasheet PDF - MicroPower Direct, LLC
Part # D213EI
Download  D213EI Download
File Size   168.33 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Low Cost, 2W SIP High Isolation DC/DC Converters

D213EI Datasheet (PDF)

Go To PDF Page Download Datasheet
D213EI Datasheet PDF - MicroPower Direct, LLC

Part # D213EI
Download  D213EI Click to download

File Size   168.33 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Low Cost, 2W SIP High Isolation DC/DC Converters

D213EI Datasheet (HTML) - MicroPower Direct, LLC


D213EI Product details

Key Features:
• 2W Output Power
• Miniature SIP Case
• UL Approved (File E245422)
• Single & Dual Outputs
• 3,000 VDC Isolation
• >3.5 MHour MTBF
• 24 Standard Models
• LOWEST COST!!




Similar Part No. - D213EI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D213E MPD-D213E Datasheet
181Kb / 2P
Low Cost, 2W SIP Single & Dual Output DC/DC Converters
D213ED MPD-D213ED Datasheet
209Kb / 2P
Very Low Cost, 2W SIP Dual Isolated Output DC/DC Converters
D213ERU MPD-D213ERU Datasheet
205Kb / 2P
Low Cost, 4:1 Input Miniature, 2W SIP DC/DC Converters
D213ERU MPD-D213ERU Datasheet
319Kb / 2P
D200ERU SERIES
D213ERW MPD-D213ERW Datasheet
188Kb / 2P
Low Cost, Miniature 2W SIP, Wide Input DC/DC Con vert ers
More results


Similar Description - D213EI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D118EI ETC1-D118EI Datasheet
82Kb / 2P
Low Cost, 1W High Isolation SIP DC/DC Converters
D221I ETC1-D221I Datasheet
97Kb / 2P
High Isolation Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D100EI MPD-D100EI Datasheet
183Kb / 2P
Low Cost, 1W SIP High Isolation DC/DC Converters
D200E MPD-D200E Datasheet
181Kb / 2P
Low Cost, 2W SIP Single & Dual Output DC/DC Converters
D200I MPD-D200I Datasheet
197Kb / 2P
High Isolation Miniature, 2W SIP DC/DC Converters
E200E MPD-E200E Datasheet
201Kb / 2P
Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
E200I MPD-E200I Datasheet
171Kb / 2P
High Isolation, 2W Ultra-Miniature, SIP DC/DC Converters
G200EI MPD-G200EI Datasheet
204Kb / 2P
High Isolation, 2W Low Cost, MiniDIP DC/DC Converters
MD200XEI MPD-MD200XEI Datasheet
409Kb / 2P
Low Cost, 2W High Isolation SIP DC/DC Converters
ME200SE MPD-ME200SE Datasheet
429Kb / 2P
Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com