Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D215I Datasheet (PDF) - MicroPower Direct, LLC

D215I Datasheet PDF - MicroPower Direct, LLC
Part # D215I
Download  D215I Download
File Size   197.21 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description High Isolation Miniature, 2W SIP DC/DC Converters

D215I Datasheet (PDF)

Go To PDF Page Download Datasheet
D215I Datasheet PDF - MicroPower Direct, LLC

Part # D215I
Download  D215I Click to download

File Size   197.21 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description High Isolation Miniature, 2W SIP DC/DC Converters

D215I Datasheet (HTML) - MicroPower Direct, LLC


D215I Product details

Key Features:
• 2W Output Power
• Miniature SIP Case
• Single & Dual Outputs
• 3,000 VDC Isolation
• >1.12 MHour MTBF
• 28 Standard Models
• Industry Standard Pin-Out




Similar Part No. - D215I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D215I ETC1-D215I Datasheet
97Kb / 2P
High Isolation Miniature, 2W SIP DC/DC Converters
More results


Similar Description - D215I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221I ETC1-D221I Datasheet
97Kb / 2P
High Isolation Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D100I MPD-D100I Datasheet
201Kb / 2P
High Isolation Miniature, 1W SIP DC/DC Converters
D200EI MPD-D200EI Datasheet
168Kb / 2P
Low Cost, 2W SIP High Isolation DC/DC Converters
E100I MPD-E100I Datasheet
185Kb / 2P
High Isolation Miniature, 1W SIP DC/DC Converters
E200I MPD-E200I Datasheet
171Kb / 2P
High Isolation, 2W Ultra-Miniature, SIP DC/DC Converters
E100EI MPD-E100EI Datasheet
266Kb / 2P
1W, High Isolation Ultra-Miniature SIP DC/DC Converters
MHI200DI5.7 MPD-MHI200DI5.7 Datasheet
645Kb / 3P
High Isolation, 2W SIP Single & Dual Output DC/DC Converters
ML200SEI MPD-ML200SEI Datasheet
579Kb / 2P
2W, High Isolation Ultra-Miniature SMT DC/DC Converters
MD200MEHI MPD-MD200MEHI Datasheet
439Kb / 3P
Miniature, 2W SIP Medical Approved DC/DC Converters
MD200XEI MPD-MD200XEI Datasheet
409Kb / 2P
Low Cost, 2W High Isolation SIP DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com