Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D215RU Datasheet (PDF) - MicroPower Direct, LLC

D215RU Datasheet PDF - MicroPower Direct, LLC
Part # D215RU
Download  D215RU Download
File Size   223.89 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Miniature SIP, 2W Ultra-Wide 4:1 Input DC/DC Converters

D215RU Datasheet (PDF)

Go To PDF Page Download Datasheet
D215RU Datasheet PDF - MicroPower Direct, LLC

Part # D215RU
Download  D215RU Click to download

File Size   223.89 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Miniature SIP, 2W Ultra-Wide 4:1 Input DC/DC Converters

D215RU Datasheet (HTML) - MicroPower Direct, LLC


D215RU Product details

Key Features:
• 2W Output Power
• 4:1 Input Voltage Range
• 1,000 VDC Isolation
• Short Circuit Protected
• Miniature SIP Case
• Single & Dual Outputs
• 1.0 MH MTBF
• Industry Standard Pin-Out




Similar Part No. - D215RU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D215RP ETC1-D215RP Datasheet
91Kb / 2P
Short Circuit Protected Regulated, 2W SIP DC/DC Converters
D215RPI ETC1-D215RPI Datasheet
59Kb / 2P
2W, High Isolation, SIP Regulated, Short Circuit Protected DC/DC Converters
logo
MicroPower Direct, LLC
D215RW MPD-D215RW Datasheet
198Kb / 2P
Miniature SIP, 2W Wide Input Range DC/DC Converters
More results


Similar Description - D215RU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221RW ETC1-D221RW Datasheet
70Kb / 2P
Miniature SIP, 2W Wide Input Range DC/DC Converters
logo
MicroPower Direct, LLC
D200ERU MPD-D200ERU Datasheet
205Kb / 2P
Low Cost, 4:1 Input Miniature, 2W SIP DC/DC Converters
D200RW MPD-D200RW Datasheet
198Kb / 2P
Miniature SIP, 2W Wide Input Range DC/DC Converters
E200E MPD-E200E Datasheet
201Kb / 2P
Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
E200I MPD-E200I Datasheet
171Kb / 2P
High Isolation, 2W Ultra-Miniature, SIP DC/DC Converters
logo
Delta Electronics, Inc.
PH02S DELTA-PH02S Datasheet
208Kb / 4P
2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
logo
MicroPower Direct, LLC
MD200RU MPD-MD200RU Datasheet
444Kb / 2P
Wide 4:1 Input, 2W SIP Single & Dual Output DC/DC Converters
ME200SE MPD-ME200SE Datasheet
429Kb / 2P
Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
MH200RW MPD-MH200RW Datasheet
400Kb / 2P
Wide Input, 2W Ultra-Miniature DC/DC Converters
MH600RU MPD-MH600RU Datasheet
417Kb / 2P
Wide 4:1 Input Ultra-Miniature, 6W DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com