Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM112E Datasheet (PDF) - MicroPower Direct, LLC

DM112E Datasheet PDF - MicroPower Direct, LLC
Part # DM112E
Download  DM112E Download
File Size   217.44 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters

DM112E Datasheet (PDF)

Go To PDF Page Download Datasheet
DM112E Datasheet PDF - MicroPower Direct, LLC

Part # DM112E
Download  DM112E Click to download

File Size   217.44 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters

DM112E Datasheet (HTML) - MicroPower Direct, LLC


DM112E Product details

Key Features:

• 1W Output Power

• UltraMiniature SIP Case

• Low 0.3 Inch Profile

• Single & Dual Outputs

• 1,000 VDC Isolation

• >3.5 MHour MTBF

• 12 Standard Models

• LOWEST COST!!



 




Similar Part No. - DM112E

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
DM112E MPD-DM112E Datasheet
245Kb / 2P
DM100E SERIES
More results


Similar Description - DM112E

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU400 TOTAL-POWER-MAU400 Datasheet
338Kb / 6P
1W, Ultra High Isolation SIP SINGLE AND DUAL OUTPUT DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
D100E MPD-D100E Datasheet
183Kb / 2P
Low Cost, 1W SIP Single & Dual Output DC/DC Converters
E100 MPD-E100 Datasheet
160Kb / 2P
Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
ADC400 MPSIND-ADC400 Datasheet
171Kb / 2P
1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
662Kb / 3P
High Isolation, 1W SIP Single & Dual Output DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com